Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 36 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 36 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 32Page - Active-Semi, Inc ACT8828 Datasheet HTML 33Page - Active-Semi, Inc ACT8828 Datasheet HTML 34Page - Active-Semi, Inc ACT8828 Datasheet HTML 35Page - Active-Semi, Inc ACT8828 Datasheet HTML 36Page - Active-Semi, Inc ACT8828 Datasheet HTML 37Page - Active-Semi, Inc ACT8828 Datasheet HTML 38Page - Active-Semi, Inc ACT8828 Datasheet HTML 39Page - Active-Semi, Inc ACT8828 Datasheet HTML 40Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
STEP-UP DC/DC CONVERTER
ACT8828
Rev 3, 24-Sep-09
Active-Semi
Innovative Power
TM
- 36 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
FUNCTIONAL DESCRIPTION CONT’D
Setting the LED Bias Current
The LED bias current is set by a resistor
connected from FB4 and ground, and the regulator
is satisfied when the LED current is sufficient to
generate 250mV across this resistor. Once the
bias current is programmed, the LED current can
be adjusted using the ACT8828’s Direct-PWM
feature. REG4 is also compatible with a variety of
well-known LED dimming circuits, such as with a
DC control voltage and a filtered PWM signal.
PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout a very important part of the
design. Good design minimizes excessive EMI on
the feedback paths and voltage gradients in the
ground plane, both of which can result in instability
or regulation errors. Step-Up DC/DCs exhibit
continuous input current, so there is some amount
of flexibility in placing vias in the input capacitor
circuit. The inductor, input filter capacitor, rectifier,
and output filter capacitor should be connected as
close together as possible, with short, direct, and
wide traces. Connect the ground nodes together in
a star configuration, with a direct connection to the
exposed pad. Finally, the exposed pad should be
directly connected to the backside ground plane
using multiple vias to achieve low electrical and
thermal resistance. Note that since the LED string is
a low, DC-current path, it does not generally require
special layout consideration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com