Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 48 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 48 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 41Page - Active-Semi, Inc ACT8828 Datasheet HTML 42Page - Active-Semi, Inc ACT8828 Datasheet HTML 43Page - Active-Semi, Inc ACT8828 Datasheet HTML 44Page - Active-Semi, Inc ACT8828 Datasheet HTML 45Page - Active-Semi, Inc ACT8828 Datasheet HTML 46Page - Active-Semi, Inc ACT8828 Datasheet HTML 47Page - Active-Semi, Inc ACT8828 Datasheet HTML 48Page - Active-Semi, Inc ACT8828 Datasheet HTML 49Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
ActivePath
TM CHARGER
ACT8828
Rev 3, 24-Sep-09
Active-Semi
Innovative Power
TM
- 48 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
Figure 12:
CHG_IN Bypass Options for USB or Wall Adaptor Supplies
FUNCTIONAL DESCRIPTION CONT’D
resulting
from
the
current
limit
slew
rate
(100mA/µS) limitations of the USB bus, the
CHG_IN bypass capacitance value must to be
between 4.7µF and 10µF for the ACT8828.
Ceramic
capacitors
are
often
preferred
for
bypassing applications due to their small size and
good surge current ratings, but care must be taken
in applications that can encounter hot plug
conditions as their very low ESR, in combination
with the inductance of the cable, can create a high-
Q filter that induces excessive ringing at the
CHG_IN pin. This ringing can couple to the output
and be mistaken as loop instability, or the ringing
may be large enough to damage the input itself.
Although the CHG_IN pin is designed for maximum
robustness and an absolute maximum voltage
rating of 14V for transients, attention must be given
to bypass techniques to ensure safe operation.
As a result, design of the CHG_IN bypass must
take care to “de-Q” the filter. This can be
accomplished by connecting a 1Ω resistor in series
with a ceramic capacitor (as shown in Figure 12), or
by using a tantalum or electrolytic capacitor to
utilize it’s higher ESR to dampen the ringing. For
additional protection in extreme situations, Zener
diodes with 12V clamp voltages may also be used.
In any case, it is always critical to evaluate voltage
transients at the ACT8828 CHG_IN pin with an
oscilloscope to ensure safe operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com