Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8828 Datasheet(PDF) 47 Page - Active-Semi, Inc

Part # ACT8828
Description  Six Channel ActivePathTM Power Management IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8828 Datasheet(HTML) 47 Page - Active-Semi, Inc

Back Button ACT8828 Datasheet HTML 41Page - Active-Semi, Inc ACT8828 Datasheet HTML 42Page - Active-Semi, Inc ACT8828 Datasheet HTML 43Page - Active-Semi, Inc ACT8828 Datasheet HTML 44Page - Active-Semi, Inc ACT8828 Datasheet HTML 45Page - Active-Semi, Inc ACT8828 Datasheet HTML 46Page - Active-Semi, Inc ACT8828 Datasheet HTML 47Page - Active-Semi, Inc ACT8828 Datasheet HTML 48Page - Active-Semi, Inc ACT8828 Datasheet HTML 49Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
ActivePath
TM CHARGER
ACT8828
Rev 3, 24-Sep-09
Active-Semi
Innovative Power
TM
- 47 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
FUNCTIONAL DESCRIPTION CONT’D
Charger State-Machine
PRECONDITION State
A
new
charging
cycle
begins
with
the
PRECONDITION state, and operation continues in
this state until VBAT exceeds the Precondition
Threshold Voltage of 2.85V (typ). When operating
in PRECONDITION state, the cell is charged at a
reduced current, 12% of the programmed maximum
fast-charge constant current, ISET. Once VBAT
reaches the Precondition Threshold Voltage the
state machine jumps to the NORMAL state. If VBAT
does not reach the Precondition Threshold Voltage
before the Precondition Timeout period tPRECONDITION
expires, then a damaged cell is detected and the
state machine jumps to the TIMEOUT-FAULT State.
For the Precondition Timeout period, see the
Charging Safety Timers section
for more information.
FAST CHARGE State
Normal state is made up of two operating modes,
fast charge Constant-Current (CC) and Constant-
Voltage (CV). In CC mode, the ACT8828 charges at
the current programmed by RISET (see the Current
Limits
and Charge Current Programming section for
more information). During a normal charge cycle
fast-charge continues in CC mode until VBAT
reaches the charge termination voltage (VTERM), at
which point the ACT8828 charges in CV mode.
Charging continues in CV mode until the charge
current drops to 10% (ACIN = 1) or 5% (ACIN = 0)
of the programmed maximum charge current, at
which point the state machine jumps to the TOP-
OFF state. If VBAT does not proceed out of the
NORMAL state before the Normal Timeout period
(TNORMAL) expires, then a damaged cell is detected
and the state machine jumps to the TIMEOUT-
FAULT State. See the Charging Safety Times
section for more information.
TOP-OFF State
In the TOP-OFF state, the cell is charged in
constant-voltage
(CV) mode.
Charge
current
decreases as charging continues. During a normal
charging cycle charging proceeds until the charge
current decreases below the End-Of-Charge (EOC)
threshold, defined as 10% of ISET (ACIN = 1) or
5% of ISET (ACIN = 0) . When this happens, the
state machine terminates the charge cycle and
jumps to the SLEEP state.
End of Charge State
In the End-of-Charge (EOC) state, the ACT8828
presents a high-impedance to the battery, allowing
the cell to “relax” and minimizes battery leakage
current. The ACT8828 continues to monitor the cell
voltage, however, so that it can re-initiate charging
cycles as necessary to ensure that the cell remains
fully charged.
SUSPEND State
The ACT8828 features an user-selectable suspend-
charge mode, which disables the charger but keeps
other circuiting functional. The charger can be put
into suspend mode by driving EN to logic low. Upon
exiting the SUSPEND State, the charge timer is
reset
and
the
state
machine
jumps
to
PRECONDITION state.
SLEEP State
In SLEEP mode the ACT8828 presents a high-
impedance to the battery, allowing the cell to “relax”
and minimizes battery leakage current. The
ACT8828 continues to monitor the cell voltage,
however, so that it can re-initiate charging as
necessary to ensure that the cell remains fully
charged. Under normal operation, the state
machine initiates a new charging cycle by jumping
to the FAST-CHARGE state when VBAT drops below
the Charge Termination Threshold.
CHG_IN Bypass Capacitor Selection
CHG_IN is the power input for the ACT8828 battery
charger. The battery charger is automatically
enabled whenever a valid voltage is present on
CHG_IN.
In
most
applications,
CHG_IN
is
connected to either a wall adapter or USB port.
Under normal operation, the input of the charger will
often be “hot-plugged” directly to a powered USB or
wall adapter cable, and supply voltage ringing and
overshoot may appear at the CHG_IN pin.
In most applications a high quality capacitor
connected from CHG_IN to GA, placed as close as
possible to the IC, is sufficient to absorb the energy.
Wall-adapter powered applications provide flexibility
in
input
capacitor
selection,
but
the
USB
specification
presents
limitations
to
input
capacitance selection. In order to meet both the
USB 2.0 and USB OTG (On The Go) specifications
while avoiding USB supply under-voltage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com