Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8576D
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8576D Datasheet HTML 17Page - NXP Semiconductors PCF8576D Datasheet HTML 18Page - NXP Semiconductors PCF8576D Datasheet HTML 19Page - NXP Semiconductors PCF8576D Datasheet HTML 20Page - NXP Semiconductors PCF8576D Datasheet HTML 21Page - NXP Semiconductors PCF8576D Datasheet HTML 22Page - NXP Semiconductors PCF8576D Datasheet HTML 23Page - NXP Semiconductors PCF8576D Datasheet HTML 24Page - NXP Semiconductors PCF8576D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
21 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
In the 1:3 and 1:4 drive modes, where no alternative RAM bank is available, groups of
LCD segments can blink selectively by changing the display RAM data at fixed time
intervals.
The entire display can blink at a frequency other than the nominal blink frequency by
sequentially resetting and setting the display enable bit E at the required rate using the
mode-set command (see Section 7.17).
[1]
Blink modes 1, 2 and 3 and the nominal blink frequencies 0.5 Hz, 1 Hz and 2 Hz correspond to an oscillator
frequency (fclk) of 1536 Hz (see Section 11).
7.16 Characteristics of the I2C-bus
The I2C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a Serial Data Line (SDA) and a Serial Clock Line (SCL). Both lines must
be connected to a positive supply via a pull-up resistor when connected to the output
stages of a device. Data transfer may be initiated only when the bus is not busy.
7.16.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse as changes in the data line at this time
will be interpreted as a control signal (see Figure 13).
Table 6.
Blinking frequencies[1]
Blink mode
Normal operating mode ratio
Nominal blink frequency
off
-
blinking off
1
2 Hz
2
1 Hz
3
0.5 Hz
f
clk
768
----------
f
clk
1536
-------------
f
clk
3072
-------------
Fig 13. Bit transfer
mba607
data line
stable;
data valid
change
of data
allowed
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com