Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576D Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF8576D
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576D Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF8576D Datasheet HTML 35Page - NXP Semiconductors PCF8576D Datasheet HTML 36Page - NXP Semiconductors PCF8576D Datasheet HTML 37Page - NXP Semiconductors PCF8576D Datasheet HTML 38Page - NXP Semiconductors PCF8576D Datasheet HTML 39Page - NXP Semiconductors PCF8576D Datasheet HTML 40Page - NXP Semiconductors PCF8576D Datasheet HTML 41Page - NXP Semiconductors PCF8576D Datasheet HTML 42Page - NXP Semiconductors PCF8576D Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
39 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
Table 19.
Bonding pad location for PCF8576DU/x
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 4, Figure 26 and Figure 27).
Symbol
Pad
X (
µm)
Y (
µm)
Description
SDA
1
−34.38
−876.6
I2C-bus serial data input/output
SCL
2
109.53
−876.6
I2C-bus serial clock input
SCL
3
181.53
−876.6
SYNC
4
365.58
−876.6
cascade synchronization input/output
CLK
5
469.08
−876.6
external clock input/output
VDD
6
577.08
−876.6
supply voltage
OSC
7
740.88
−876.6
internal oscillator enable input
A0
8
835.83
−876.6
subaddress inputs
A1
9
1005.48
−630.9
A2
10
1005.48
−513.9
SA0
11
1005.48
−396.9
I2C-bus address input; bit 0
VSS
12
1005.48
−221.4
ground supply voltage
VLCD
13
1005.48
10.71
LCD supply voltage
BP0
14
1005.48
156.51
LCD backplane outputs
BP2
15
1005.48
232.74
BP1
16
1005.48
308.97
BP3
17
1005.48
385.2
S0
18
1005.48
493.2
LCD segment outputs
S1
19
1005.48
565.2
S2
20
1005.48
637.2
S3
21
1005.48
709.2
S4
22
347.22
876.6
S5
23
263.97
876.6
S6
24
180.72
876.6
S7
25
97.47
876.6
S8
26
14.22
876.6
S9
27
−69.03
876.6
S10
28
−152.28
876.6
S11
29
−235.53
876.6
S12
30
−318.78
876.6
S13
31
−402.03
876.6
S14
32
−485.28
876.6
S15
33
−568.53
876.6
S16
34
−651.78
876.6
S17
35
−735.03
876.6
S18
36
−1005.5
625.59
S19
37
−1005.5
541.62
S20
38
−1005.5
458.19
S21
39
−1005.5
374.76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com