Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576D Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8576D
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576D Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8576D Datasheet HTML 12Page - NXP Semiconductors PCF8576D Datasheet HTML 13Page - NXP Semiconductors PCF8576D Datasheet HTML 14Page - NXP Semiconductors PCF8576D Datasheet HTML 15Page - NXP Semiconductors PCF8576D Datasheet HTML 16Page - NXP Semiconductors PCF8576D Datasheet HTML 17Page - NXP Semiconductors PCF8576D Datasheet HTML 18Page - NXP Semiconductors PCF8576D Datasheet HTML 19Page - NXP Semiconductors PCF8576D Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
16 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
7.5 Oscillator
7.5.1 Internal clock
The internal logic of the PCF8576D and its LCD drive signals are timed either by its
internal oscillator or by an external clock. The internal oscillator is enabled by connecting
pin OSC to pin VSS. If the internal oscillator is used, the output from pin CLK can be used
as the clock signal for several PCF8576Ds in the system that are connected in cascade.
After power-on, pin SDA must be HIGH to guarantee that the clock starts.
7.5.2 External clock
Pin CLK is enabled as an external clock input by connecting pin OSC to VDD.
The LCD frame signal frequency is determined by the clock frequency (fclk).
Remark: A clock signal must always be supplied to the device; removing the clock may
freeze the LCD in a DC state, which is not suitable for the liquid crystal.
7.6 Timing
The PCF8576D timing controls the internal data flow of the device. This includes the
transfer of display data from the display RAM to the display segment outputs. In cascaded
applications, the correct timing relationship between each PCF8576D in the system is
maintained by the synchronization signal at pin SYNC. The timing also generates the LCD
frame signal whose frequency is derived from the clock frequency. The frame signal
frequency is a fixed division of the clock frequency from either the internal or an external
clock:
.
7.7 Display register
The display latch holds the display data while the corresponding multiplex signals are
generated. There is a one-to-one relationship between the data in the display latch, the
LCD segment outputs and each column of the display RAM.
7.8 Segment outputs
The LCD drive section includes 40 segment outputs S0 to S39 which should be
connected directly to the LCD. The segment output signals are generated in accordance
with the multiplexed backplane signals and with data residing in the display latch. When
less than 40 segment outputs are required, the unused segment outputs should be left
open-circuit.
7.9 Backplane outputs
The LCD drive section includes four backplane outputs BP0 to BP3 which must be
connected directly to the LCD. The backplane output signals are generated in accordance
with the selected LCD drive mode. If less than four backplane outputs are required, the
unused outputs can be left open-circuit.
In the 1:3 multiplex drive mode, BP3 carries the same signal as BP1, therefore these two
adjacent outputs can be tied together to give enhanced drive capabilities.
f
fr
f
clk
24
--------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com