Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 2 Page - NXP Semiconductors

  UJA1069 Datasheet HTML 1Page - NXP Semiconductors UJA1069 Datasheet HTML 2Page - NXP Semiconductors UJA1069 Datasheet HTML 3Page - NXP Semiconductors UJA1069 Datasheet HTML 4Page - NXP Semiconductors UJA1069 Datasheet HTML 5Page - NXP Semiconductors UJA1069 Datasheet HTML 6Page - NXP Semiconductors UJA1069 Datasheet HTML 7Page - NXP Semiconductors UJA1069 Datasheet HTML 8Page - NXP Semiconductors UJA1069 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
UJA1069_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 October 2009
2 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
2.
Features
2.1 General
I Contains a full set of LIN ECU functions:
N LIN transceiver
N Voltage regulator for the microcontroller (5.0 V)
N Enhanced window watchdog with on-chip oscillator
N Serial Peripheral Interface (SPI) for the microcontroller
N ECU power management system
N Fully integrated autonomous fail-safe system
I Designed for automotive applications:
N Supports 14 V and 42 V architectures
N Excellent ElectroMagnetic Compatibility (EMC) performance
N ±8 kV ElectroStatic Discharge (ESD) protection Human Body Model (HBM) for
off-board pins
N ±4 kV ElectroStatic Discharge (ESD) protection IEC 61000-4-2 for off-board pins
N ±60 V short-circuit proof LIN-bus pin
N Battery and LIN-bus pins are protected against transients in accordance with
ISO 7637-3
N Very low sleep current
I Supports remote flash programming via the LIN-bus
I Available in:
N Small 6.4 mm × 7.8 mm HTSSOP24 package with low thermal resistance
N Small 8 mm × 11 mm HTSSOP32 package with low thermal resistance
2.2 LIN transceiver
I LIN 2.0 and SAE J2602 compliant LIN transceiver
I Enhanced error signalling and reporting
I Downward compatible with LIN 1.3 and the TJA1020
2.3 Power management
I Smart operating modes and power management modes
I Cyclic wake-up capability in Standby and Sleep mode
I Local wake-up input with cyclic supply feature
I Remote wake-up capability via the LIN-bus
I External voltage regulators can easily be incorporated in the power supply system
(flexible and fail-safe)
I 42 V battery related high-side switch for driving external loads such as relays and
wake-up switches
I Intelligent maskable interrupt output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com