Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 32Page - NXP Semiconductors UJA1069 Datasheet HTML 33Page - NXP Semiconductors UJA1069 Datasheet HTML 34Page - NXP Semiconductors UJA1069 Datasheet HTML 35Page - NXP Semiconductors UJA1069 Datasheet HTML 36Page - NXP Semiconductors UJA1069 Datasheet HTML 37Page - NXP Semiconductors UJA1069 Datasheet HTML 38Page - NXP Semiconductors UJA1069 Datasheet HTML 39Page - NXP Semiconductors UJA1069 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
UJA1069_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 October 2009
36 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.12.12 Register configurations at reset
At Power-on, Start-up and Restart mode the setting of the SBC registers is predefined.
[1]
Depends on history.
12
RO
Read Only
1
read the register selected by RRS without writing to the
General Purpose register 1
0
read the register selected by RRS and write to the General
Purpose register
11 to 0
GP1[11:0]
General Purpose bits
1
user-defined
0
user-defined
Table 14.
General Purpose register 1 and General Purpose Feedback register 1 bit description …continued
Bit
Symbol
Description
Value
Function
Table 15.
System Status register: status at reset
Symbol
Name
Power-on
Start-up [1]
Restart [1]
RSS
Reset Source Status
0000 (power-on reset)
any value except 1100
0000 or 0010 or 1100 or 1110
LWS
LIN Wake-up Status
0 (no LIN wake-up)
1 if reset is caused by a
LIN wake-up, otherwise
no change
no change
EWS
Edge Wake-up Status
0 (no edge detected)
1 if reset is caused by a
wake-up via pin WAKE,
otherwise no change
no change
WLS
WAKE Level Status
actual status
actual status
actual status
TWS
Temperature Warning
Status
0 (no warning)
actual status
actual status
SDMS
Software Development
Mode Status
actual status
actual status
actual status
ENS
Enable Status
0 (EN = LOW)
0 (EN = LOW)
0 (EN = LOW)
PWONS
Power-on Status
1 (power-on reset)
no change
no change
Table 16.
System Diagnosis register: status at reset
Symbol
Name
Power-on
Start-up
Restart
LINFD
LIN Failure Diagnosis
00 (no failure)
actual status
actual status
V3D
V3 Diagnosis
1 (OK)
actual status
actual status
V1D
V1 Diagnosis
0 (fail)
actual status
actual status
Table 17.
Interrupt Enable register and Interrupt Enable Feedback register: status at reset
Symbol
Name
Power-on
Start-up
Restart
All
all bits
0 (interrupt disabled)
no change
no change
Table 18.
Interrupt register: status at reset
Symbol
Name
Power-on
Start-up
Restart
All
all bits
0 (no interrupt)
0 (no interrupt)
0 (no interrupt)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com