Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 17Page - NXP Semiconductors UJA1069 Datasheet HTML 18Page - NXP Semiconductors UJA1069 Datasheet HTML 19Page - NXP Semiconductors UJA1069 Datasheet HTML 20Page - NXP Semiconductors UJA1069 Datasheet HTML 21Page - NXP Semiconductors UJA1069 Datasheet HTML 22Page - NXP Semiconductors UJA1069 Datasheet HTML 23Page - NXP Semiconductors UJA1069 Datasheet HTML 24Page - NXP Semiconductors UJA1069 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
UJA1069_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 October 2009
21 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.7.5 LIN driver capability
Setting the LDC bit in the Physical Layer Control register will increase the driver capability
of the LIN output stage. This feature is used in auto-addressing systems, where the
standard LIN 2.0 drive capability is insufficient.
6.7.6 Bus and TXDL failure detection
The SBC handles and reports the following LIN-bus related failures:
• LIN-bus shorted to ground
• LIN-bus shorted to VBAT14 or VBAT42; the transmitter is disabled
• TXDL clamped dominant; the transmitter is disabled
These failure events force an interrupt to the microcontroller whenever the status changes
and the corresponding interrupt is enabled.
6.7.6.1
TXDL dominant clamping
If the TXDL pin is clamped dominant for longer than tTXDL(dom)(dis) the LIN transmitter is
disabled. After the TXDL pin becomes recessive the transmitter is reactivated
automatically when detecting bus activity or manually by setting and clearing the LTC bit.
6.7.6.2
LIN dominant clamping
When the LIN-bus is clamped dominant for longer than tLIN(dom)(det) (which is longer than
tTXDL(dom)(dis)), the state of the LIN termination is changed according to Figure 11.
6.7.6.3
LIN recessive clamping
If the LIN bus pin is clamped recessive while TXDL is driven dominant the LIN transmitter
is disabled. The transmitter is reactivated automatically when the LIN bus becomes
dominant or manually by setting and clearing the LTC bit.
6.8 Inhibit and limp-home output
The INH/LIMP output pin is a 3-state output pin which can be used either as an inhibit for
an extra (external) voltage regulator, or as a ‘limp-home’ output. The pin is controlled via
the ILEN bit and ILC bit in the System Configuration register; see Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com