Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRALGA Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRALGA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRALGA Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRALGA Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
23
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
clock is not required for this port. Instead, SerDes reference clock is required on L1_SD_REF_CLK and
L1_SD_REF_CLK pins.
Figure 7. 4-Wire AC-Coupled SGMII Serial Link Connection Example
8.2
Enhanced Three-Speed Ethernet Controller (eTSEC)
(10/100/1000 Mbps)—SGMII/MII/RGMII/RTBI/RMII DC Electrical
Characteristics
The electrical characteristics specified here apply to serial gigabit media independent interface (SGMII),
media independent interface (MII), reduced gigabit media independent interface (RGMII), reduced ten-bit
interface (RTBI), reduced media independent interface (RMII) signals, management data input/output
(MDIO) and management data clock (MDC).
The MII and RMII interfaces are defined for 3.3 V, while the RGMII and RTBI interfaces can be operated
at 2.5 V. The SGMII interface conforms to the Serial-GMII Specification Version 1.8 with some
exceptions. The RGMII and RTBI interfaces follow the Reduced Gigabit Media-Independent Interface
(RGMII) Specification Version 1.3. The RMII interface follows the RMII Consortium RMII Specification
Version 1.2.
SGMII SerDes
Interface
50
Ω
50
Ω
Transmitter
SD_TX
n
SD_RX
m
SD_TX
n
SD_RX
m
Receiver
CTX
CTX
50
Ω
50
Ω
SD_RX
n
SD_RX
n
Receiver
Transmitter
SD_TX
m
SD_TX
m
CTX
CTX
50
Ω
50
Ω
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com