Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRALGA Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRALGA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRALGA Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRALGA Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
26
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Change in VOS between “0” and
“1”
VOS
——
25
mV
—
Output current on short to GND
ISA, ISB
——
40
mA
—
Note:
1 This will not align to DC-coupled SGMII. XV
DD_SRDS-Typ =1.0 V.
2 |V
OD|=|VSD_TXn -VSD_TXn|. |VOD| is also referred as output differential peak voltage. VTX-DIFFp-p =2 × |VOD|.
3 The |V
OD| value shown in the table assumes the following transmit equalization setting in SRDSnCR0[DDPA] and
SRDS
nCR0[TXEQA] for lane A, and SRDSnCR0[DDPE] and SRDSnCR0[TXEQE] for lane E.
•
DPPA or DPPE bit is set to zero (selecting the full VDD-DIFF-p-p amplitude – power up default);
•
TXEQA or TXDQE is set based on the equalization setting shown in table.
4 V
OS is also referred to as output common mode voltage.
The |VOD| value shown in the Typ column is based on the condition of XVDD_SRDS-Typ = 1.0 V, no common mode offset variation
(VOS = 500 mV), SerDes1 transmitter is terminated with 100-Ω differential load between SD_TXn and SD_TXn.
Table 26. SGMII DC Receiver Electrical Characteristics
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Supply voltage
(L1_SDAVDD_0, L1_XCOREVDD)
XVDD_SRDS
0.95
1.0
1.05
V
—
DC input voltage range
—
N/A
—
1
Input differential voltage
SEIC
x = 01
SEIC
x = 00
VRX_DIFFp-p
100
175
—1200
mV
2, 4
Loss of signal threshold
SEIC
x = 01
SEIC
x = 00
VLOS
30
65
—
100
175
mV
3, 4
Input AC common mode voltage
VCM_ACp-p
—
100
mV
5
Receiver differential input
impedance
ZRX_DIFF
80
100
120
Ω
—
Receiver common mode input
impedance
ZRX_CM
20
—
35
Ω
—
Common mode input voltage
VCM
—Vxcorevss
—V
6
Note:
1 Input must be externally AC-coupled.
2 V
RX_DIFFp-p is also referred to as peak to peak input differential voltage.
3 The concept of this parameter is equivalent to the Electrical Idle Detect Threshold parameter in PCI Express. Refer to PCI
Express Differential Receiver (RX) Input Specifications section for further explanation.
4 The SEICx shown in the table refers to SRDSnCR[SEICA] for lane A and SRDSnCR[SEICE] for lane E.
5 V
CM_ACp-p is also referred to as peak to peak AC common mode voltage.
6 On-chip termination to SGND_SRDSn (xcorevss).
Table 25. SGMII DC Transmitter Electrical Characteristics (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com