Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378ECVRALGA Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC8378ECVRALGA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378ECVRALGA Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC8378ECVRALGA Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8378ECVRALGA Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
MPC8378E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
25
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
8.2.2
SGMII DC Electrical Characteristics
Table 25 and Table 26 describe the SGMII DC electrical characteristics. Transmitter DC characteristics are
measured at the transmitter outputs (L1_SD1_TXn and L1_SD1_TXn) as depicted in Figure 8.
NOTE
The voltage levels of the transmitter and the receiver depend on the SerDes
control registers which should be programmed at the recommended values
for SGMII protocol (L1_nVDD =1.0 V).
Table 25. SGMII DC Transmitter Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
(L1_SDAVDD_0,
L1_XCOREVDD)
XVDD_SRDS
0.95
1.0
1.05
V
—
Output high voltage
VOH
——
XVDD_SRDS-Typ/2
+ |VOD|-max/2
mV
1
Output low voltage
VOL
XVDD_SRDS-Typ/2
– |VOD|-max/2
——
mV
1
Output ringing
VRING
——
10
%
—
Output differential voltage 2, 3,
|VOD|
323
500
725
mV
Equalization
setting: 1.0
×
296
459
665
Equalization
setting: 1.09
×
269
417
604
Equalization
setting: 1.2
×
243
376
545
Equalization
setting: 1.33
×
215
333
483
Equalization
setting: 1.5
×
189
292
424
Equalization
setting: 1.71
×
162
250
362
Equalization
setting: 2.0
×
Output offset voltage
VOS
425
500
575
mV
1, 4
Output impedance
(single-ended)
RO
40
—
60
Ω
—
Mismatch in a pair
RO
——
10
%
—
Change in VOD between “0” and
“1”
|VOD|—
—
25
mV
—
Δ
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com