Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE7265L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE7265L-R
Description  2.3-2.7 GHz WiMAX Power Amplifier Preliminary
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE7265L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE7265L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE7265L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SE7265L
2.3-2.7 GHz WiMAX Power Amplifier
Preliminary
Applications
IEEE802.16e WiMAXTM
Mobile WiMAX datacards, modules and terminals
Features
2.3-2.7 GHz operation
25 dBm Linear output power, at 3.3V
37 dB gain
Integrated Step Attenuator and output power
detector
All RF ports matched for 50 Ω operation
Supply voltage: 2.9 V – 4.2 V
Lead free, Halogen free, ROHS compliant
package (4 mm x 4 mm x 0.9 mm), MSL 1
Ordering Information
Part No.
Package
Remark
SE7265L
16 pin QFN
Samples
SE7265L-R
16 pin QFN
Tape and Reel
SE7265L-EK1
N/A
Evaluation kit
Product Description
The SE7265L WiMAX Power Amplifier is a high
performance device offering high output power with
high linearity and exceptional efficiency. Designed for
portable or mobile applications in the 2.3-2.7 GHz
band, it supports the IEEE 802.16e wireless
standards.
.
Functional Block Diagram
Bias and Control
Power
Det
RF in
VATTN
VREF
VDET
RF out
VDD1
Temp
Sensor
TEMP
VDD2
VDD3
Bias and Control
Power
Det
RF in
VATTN
VREF
VDET
RF out
VDD1
Temp
Sensor
TEMP
VDD2
VDD3
Figure 1: Functional Block Diagram
DST-00218 Rev 1.5 July-10-2009
1 of 10


Similar Part No. - SE7265L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE7261A SIGE-SE7261A Datasheet
156Kb / 2P
2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7261A-EK1 SIGE-SE7261A-EK1 Datasheet
156Kb / 2P
2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7261A-R SIGE-SE7261A-R Datasheet
156Kb / 2P
2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
SE7262L-EK1 SIGE-SE7262L-EK1 Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
More results

Similar Description - SE7265L-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Mar-2007
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
TriQuint Semiconductor
AP561 TRIQUINT-AP561 Datasheet
560Kb / 8P
2.3-2.9 GHz WiMAX 8W Power Amplifier
logo
Stealth Microwave, Inc.
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
logo
SiGe Semiconductor, Inc...
SE7261A SIGE-SE7261A Datasheet
156Kb / 2P
2.5-2.7 GHz WiMAX Front End Module Preliminary
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
Rev 1.1
logo
Johanson Technology Inc...
2500AT44M0400 JOHANSON-2500AT44M0400 Datasheet
145Kb / 3P
WiMAX 2.3 - 2.7 GHz Chip Antenna
2500AT44M0400 JOHANSON-2500AT44M0400_09 Datasheet
294Kb / 3P
WiMAX 2.3 - 2.7 GHz Chip Antenna
logo
Skyworks Solutions Inc.
AWT6264R SKYWORKS-AWT6264R Datasheet
648Kb / 12P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com