Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1142P Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1142P
Description  1608 (h=0.20mm) Type White LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1142P Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SW1142P Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2009.10.30
Page 11
Reliability Testing Result
Failure Criteria
Reliability Testing Result
Applicable Standard
Testing Conditions
Duration
Failure
Room Temp.
Operating Life
EIAJED-
4701/ 100(101)
Ta = 25℃, IF = M axium Rated Current
1,000 h
0/ 25
Resistance to
Soldering Heat
EIAJED-
4701/ 300(301)
Pre-heating : 150∼180℃ 120s M ax.
Operation Heating : 230℃ 40s M ax.
Peak Temperature : 260℃
Twice
0/ 25
Temperature Cycling
EIAJED-
4701/ 100(105)
M inimum Rated Storage Temperature(30min)
∼Normal Temperature(15min)
∼Maximum Rated Storage Temperature(30min)
∼Normal Temperature(15min)
5 cycles
0/ 25
Wet High Temp.
Storage Life
EIAJED-
4701/ 100(103)
Ta = 60±2℃, RH = 90±5%
1,000 h
0/ 25
High Temp.
Storage Life
EIAJED-
4701/ 200(201)
Ta = M aximum Rated Storage Temperature
1,000 h
0/ 25
Low Temp.
Storage Life
EIAJED-
4701/ 200(202)
Ta = M inimum Rated Storage Temperature
1,000 h
0/ 25
Vibration,
Variable Frequency
EIAJED-
4701/ 400(403)
98.1m/ s
2 (10G), 100 ∼ 2KHz sweep for 20min.,
XYZ each direction
2 h
0/ 10
Items
Symbols
Conditions
Failure criteria
Luminous Intensity
Iv
IF Value of each product
Luminous Intens ity
Tes ting Min. Value
< Spec. Min. Value x 0.5
Forward Voltage
VF
IF Value of each product
Forward Voltage
Testing Max. Value
≧ Spec. Max. Value x 1.2
Reverse Current
IR
VR = Maximum Rated
Reverse Voltage V
Testing Max. Value
≧ Spec. Max. Value x 2.5
Cos metic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking
SW1142P
1608 (h=0.20mm) Type White LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com