Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1142P Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1142P
Description  1608 (h=0.20mm) Type White LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1142P Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  SW1142P Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2009.10.30
Page 3
Absolute Maximum Ratings
(Ta=25℃)
※1 IFRM Measurement condition : Pulse Width≦1ms., Duty≦1/20.
Power Dissipation
Pd
14
mW
Forward Current
IF
4
mA
Pulse Forward
Current
※ 1
IFRM
8
mA
⊿ IF
0.046
mA/ ℃
⊿ I
FRM
0.092
mA/ ℃
Reverse Voltage
VR
5
V
Operating
Temperature
Topr
-40∼ +85
℃
Storage Temperature
Tstg
-40∼ +100
℃
Absolute Maximum Ratings
Item
Symbol
Unit
Derating
(Ta=25℃ or higher)
SW1142P
1608 (h=0.20mm) Type White LED
Electro-Optical Characteristics
(Ta=25℃)
Conditions
TYP.
2.8
M AX.
3.1
Reverse Current
VR=5V
IR
M AX.
100
μA
120(θx)
120(θy)
x
TYP.
0.27
-
y
TYP.
0.26
-
Unit
V
deg.
Item
Symbol
VF
2θ1/ 2
TYP.
Characteristics
Chromaticity
Coordinates
IF=1mA
Forward Voltage
※ 1
IF=1mA
Half Intensity Angle
IF=1mA
※1 Forward Voltage Tolerance Range : ±0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com