Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1142P Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1142P
Description  1608 (h=0.20mm) Type White LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1142P Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  SW1142P Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1142P Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2009.10.30
Page 2
Color and Luminous Intensity
MIN.
TYP.
I
F
SW1142P
InGaN
White
Diffused
Pale
Yellow
10
25
1
Part No.
Material
Iv (mcd)
Lens
Color
Emitted
Color
Luminous Intensity
SW1142P
1608 (h=0.20mm) Type White LED
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com