Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4004-4ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4004-4ACPZ-R2
Description  1.8 nV/?숰z, 36 V Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4004-4ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4004-4ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4004-1/ADA4004-2/ADA4004-4
Rev. E | Page 7 of 16
8
7
6
5
4
3
2
1
0
03
30
25
20
15
10
5
SUPPLY VOLTAGE (V)
5
ADA4004-4
Figure 12. Supply Current vs. Total Supply Voltage
15.00
14.75
14.50
14.25
14.00
13.75
13.50
13.25
13.00
5.00
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
–50
150
100
50
0
TEMPERATURE (°C)
VSY = ±5V
VSY = ±15V
ADA4004-4
RL = 2kΩ
Figure 13. VOH vs. Temperature
100
120
80
60
40
20
0
–40
–20
135
90
45
–45
0
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VSY = ±15V
BW = 15MHz
RL = 10MΩ
CL = 20pF
φM = 50°
GAIN
PHASE
ADA4004-4
Figure 14. Open-Loop Gain and Phase vs. Frequency
8
6
7
5
4
–50
150
100
50
0
TEMPERATURE (°C)
VSY = ±5V
VSY = ±15V
ADA4004-4
Figure 15. Supply Current vs. Temperature
–13.00
–13.25
–13.50
–13.75
–14.00
–14.25
–14.50
–14.75
–15.00
–50
150
100
50
0
–3.00
–3.25
–3.50
–3.75
–4.00
–4.25
–4.50
–4.75
–5.00
TEMPERATURE (°C)
VSY = ±5V
VSY = ±15V
ADA4004-4
RL = 2kΩ
Figure 16. VOL vs. Temperature
100
120
80
60
40
20
0
–40
–20
135
90
45
–45
0
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VSY = ±5V
BW = 12.2MHz
RL = 10MΩ
CL = 20pF
φM = 52.9°
GAIN
PHASE
ADA4004-4
Figure 17. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com