Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4004-4ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4004-4ACPZ-R2
Description  1.8 nV/?숰z, 36 V Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4004-4ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4004-4ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADA4004-1/ADA4004-2/ADA4004-4
Rev. E | Page 10 of 16
60
50
40
30
20
10
0
02
2.0
1.5
1.0
0.5
CL (nF)
–OS
+OS
.5
VSY = ±5V
VIN = ±50mV
ADA4004-4
Figure 30. Small-Signal Overshoot vs. Capacitive Load
2
ADA4004-4
VSY = ±15V
CL = 1nF
G = +1
TIME (100µs/DIV)
Figure 31. Small-Signal Transient Response
1
TIME (400µs/DIV)
VIN
VOUT
VSY = ±15V
ADA4004-4
Figure 32. No Phase Reversal
2
ADA4004-4
VSY = ±15V
CL = 1nF
G = +1
TIME (10µs/DIV)
Figure 33. Large-Signal Transient Response
2
ADA4004-4
VSY = ±5V
CL = 1nF
G = +1
TIME (100µs/DIV)
Figure 34. Small-Signal Transient Response
1
ADA4004-4
VSY = ±5V
TIME (1s/DIV)
Figure 35. Voltage Noise (0.1 Hz to 10 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com