Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4004-4ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4004-4ACPZ-R2
Description  1.8 nV/?숰z, 36 V Precision Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4004-4ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4004-4ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4004-4ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.8 nV/√Hz, 36 V Precision Amplifiers
ADA4004-1/ADA4004-2/ADA4004-4
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Very low voltage noise: 1.8 nV/√Hz
Low input bias current: 90 nA maximum
Offset voltage: 125 μV maximum
High gain: 120 dB
Wide bandwidth: 12 MHz
±5 V to ±15 V operation
APPLICATIONS
Precision instrumentation
Filter blocks
Microphone preamplifiers
Industrial control
Thermocouples and RTDs
Reference buffers
GENERAL DESCRIPTION
The ADA4004-1/ADA4004-2/ADA4004-4 are 1.8 nV/√Hz
precision amplifiers featuring 40 μV offset, 0.7 μV/°C drift, 12
MHz bandwidth, and low 1.7 mA per amplifier supply current.
The ADA4004-1/ADA4004-2/ADA4004-4 are designed on the
high performance iPolar™ process, enabling improvements such
as reduced noise and power consumption, increased speed and
stability, and smaller footprint size. Novel design techniques enable
the ADA4004-1/ADA4004-2/ADA4004-4 to achieve 1.8 nV/√Hz
voltage noise density and a low 6 Hz 1/f noise corner frequency
while consuming just 1.7 mA per amplifier. The small package
saves board space, reduces cost, and improves layout flexibility.
Applications for these amplifiers include high precision controls,
PLL filters, high performance precision filters, medical and
analytical instrumentation, precision power supply controls,
ATE, and data acquisition systems. Operation is fully specified
from ±5 V to ±15 V from −40°C to +125°C.
The ADA4004-1, ADA4004-2, and ADA4004-4 are members
of a growing series of low noise op amps offered by Analog
Devices, Inc. (see Table 1).
Table 1. Voltage Noise
Pkg.
0.9 nV
1.1 nV
1.8 nV
2.8 nV
3.8 nV
Single
AD797
AD8597
ADA4004-1
AD8675
AD8671
Dual
AD8599
ADA4004-2
AD8676
AD8672
Quad
ADA4004-4
AD8674
PIN CONFIGURATIONS
OUT 1
+IN 3
V– 2
V+
5
–IN
3
ADA4004-1
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SOT
(RJ-5)
NC 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
ADA4004-1
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC
(R-8)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
NC = NO CONNECT
ADA4004-2
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead MSOP (RM-8) and 8-Lead SOIC (R-8)
1
OUT A
OUT D
14
2
–IN A
–IN D
13
3
+IN A
+IN D
12
4
V+
V–
11
5
+IN B
+IN C
10
6
–IN B
–IN C
9
7
OUT B
OUT C
8
ADA4004-4
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead SOIC
(R-14)
TOP VIEW
(Not to Scale)
ADA4004-4
–IN A 1
+IN A 2
V+ 3
+IN B 4
–IN D
12
+IN D
11
V–
10
+IN C
9
5
6
7
8
16
15
14
13
NOTES
1. NC = NO CONNECT.
2. IT IS RECOMMENDED THAT THE EXPOSED PAD
BE CONNECTED TO V–.
Figure 5. 16-Lead LFCSP
(CP-16-4)


Similar Part No. - ADA4004-4ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4004-4ACPZ-R2 AD-ADA4004-4ACPZ-R2 Datasheet
325Kb / 12P
1.8 nV/root Hz, 36 V Precision Quad Amplifier
7/06-Rev. 0 to Rev. A
ADA4004-4ACPZ-R2 AD-ADA4004-4ACPZ-R2 Datasheet
370Kb / 12P
1.8 nV/?숰z, 36 V Precision Quad Amplifier
REV. B
ADA4004-4ACPZ-R2 AD-ADA4004-4ACPZ-R2 Datasheet
388Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. H
ADA4004-4ACPZ-R2 AD-ADA4004-4ACPZ-R2 Datasheet
388Kb / 16P
1.8 nV/√Hz, 36 V Precision Amplifiers
Rev. H
More results

Similar Description - ADA4004-4ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4004-4 AD-ADA4004-4 Datasheet
325Kb / 12P
1.8 nV/root Hz, 36 V Precision Quad Amplifier
7/06-Rev. 0 to Rev. A
ADA4004-4 AD-ADA4004-4_07 Datasheet
370Kb / 12P
1.8 nV/?숰z, 36 V Precision Quad Amplifier
REV. B
ADA4004-1 AD-ADA4004-1_08 Datasheet
376Kb / 16P
1.8 nV/?숰z, 36 V Precision Quad Amplifiers
REV. C
ADA4004-1 AD-ADA4004-1_15 Datasheet
388Kb / 16P
1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. H
logo
Texas Instruments
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA210 TI-OPA210 Datasheet
2Mb / 38P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210_V01 Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPA210 TI-OPA210_V02 Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com