Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5367ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5367ACPZ-R7
Description  500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5367ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5367
Rev. 0 | Page 10 of 24
VS = 5 V, IS = 97 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
–6
–4
–2
0
2
4
6
8
10
LO POWER (dBm)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 18. Power Conversion Loss vs. LO Power
26
28
30
32
34
36
38
40
–6
–4
–2
0
2
4
6
8
10
LO POWER (dBm)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 19. Input IP3 vs. LO Power
50
55
60
65
70
75
80
85
90
–6
–4
–2
0
2
4
6
8
10
LO POWER (dBm)
TA = +25°C
TA = +85°C
TA =–40°C
Figure 20. Input IP2 vs. LO Power
–100
–90
–80
–70
–60
–50
–40
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA =–40°C
Figure 21. IF/2 Spurious vs. RF Frequency
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
TA = +85°C
TA =–40°C
TA = +25°C
Figure 22. IF/3 Spurious vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com