Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5367ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5367ACPZ-R7
Description  500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5367ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5367
Rev. 0 | Page 11 of 24
VS = 5 V, IS = 97 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
100
80
60
40
20
0
7.2
7.8
8.0
7.6
CONVERSION LOSS (dB)
7.4
8.2
MEAN: 7.7
STANDARD DEVIATION: 0.18
Figure 23. Conversion Loss Distribution
100
80
60
40
20
0
31
37
39
35
33
INPUT IP3 (dBm)
MEAN: 34.67
STANDARD DEVIATION: 0.19
Figure 24. Input IP3 Distribution
0
10
20
30
40
50
60
70
80
90
100
7.8
8.0
8.2
8.4
NOISE FIGURE (dB)
8.6
8.8
9.0
MEAN: 8.3
STANDARD DEVIATION: 0.05
Figure 25. SSB Noise Figure Distribution
IF FREQUENCY (MHz)
30
80
130
180
230
280
330
380
430
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
36.5
36.0
35.5
35.0
34.5
34.0
33.5
33.0
32.5
32.0
31.5
31.0
30.5
Figure 26. IF Port Return Loss
0
20
15
10
5
25
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
Figure 27. RF Port Return Loss, Fixed IF
20
18
16
14
12
10
8
6
4
2
0
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
LO FREQUENCY (MHz)
SELECTED
UNSELECTED
Figure 28. LO Return Loss, Selected and Unselected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com