Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5367ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5367ACPZ-R7
Description  500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5367ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5367ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5367ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5367
Rev. 0 | Page 12 of 24
VS = 5 V, IS = 97 mA, TA = 25°C, fRF = 900 MHz, fLO = 1103 MHz, LO power = 0 dBm, VGS0 = VGS1 = 0 V, and ZO = 50 Ω, unless
otherwise noted.
TA = –40°C
40
45
50
55
60
65
70
700
750
800
850
900
950
1000 1050 1100 1150 1200
RF FREQUENCY (MHz)
TA = +85°C
TA = +25°C
Figure 29. LO Switch Isolation vs. RF Frequency
–60
–58
–56
–54
–52
–50
–48
–46
–44
–42
–40
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
RF FREQUENCY (MHz)
TA = +85°C
TA =–40°C
TA = +25°C
Figure 30. RF-to-IF Isolation vs. RF Frequency
–30
–25
–20
–15
–10
–5
0
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
LO FREQUENCY (MHz)
TA = +85°C
TA = –40°C
TA = +25°C
Figure 31. LO-to-IF Leakage vs. LO Frequency
–50
–45
–40
–35
–30
–25
–20
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
LO FREQUENCY (MHz)
TA = +85°C
TA =–40°C
TA = +25°C
Figure 32. LO-to-RF Leakage vs. LO Frequency
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
LO FREQUENCY (MHz)
2LO TO RF
2LO TO IF
Figure 33. 2LO Leakage vs. LO Frequency
–70
–60
–50
–40
–30
–20
–10
0
900
950
1000 1050 1100 1150 1200 1250 1300 1350 1400
LO FREUQENCY (MHz)
3LO TO RF
3LO TO IF
Figure 34. 3LO Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com