Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2531ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN2531ACPZ-R7
Description  11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2531ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADN2531ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADN2531
Rev. 0 | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage: VCC to GND
−0.3 V to +4.2 V
IMODP, IMODN to GND
VCC − 1.5 V to 4.5 V
DATAP, DATAN to GND
VCC − 1.8 V to VCC − 0.4 V
All Other Pins
−0.3 V to VCC + 0.3 V
ESD on IMODP/IMODN1
200 V HBM
ESD on All Other Pins1
1.5 kV HBM
Junction Temperature
150°C
Storage Temperature Range
−65°C to +125°C
1 HBM = human body model.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com