Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2531ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2531ACPZ-R7
Description  11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2531ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2531ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADN2531
Rev. 0 | Page 8 of 20
0
5
10
15
20
25
30
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 10. Rise Time vs. Temperature
(Worse-Case Conditions, CPA Disabled)
0
5
10
15
20
25
30
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
Figure 11. Fall Time vs. Temperature
(Worst-Case Conditions, CPA Disabled)
0
0.2
0.4
0.6
0.8
1.0
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 12. Random Jitter vs. Temperature
(Worst-Case Conditions, CPA Disabled [Worst-Case IMOD = 40 mA])
1
2
3
4
5
6
7
8
9
10
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
10.7GBPS
11.3GBPS
Figure 13. Deterministic Jitter vs. Temperature
(Worse-Case Conditions, CPA Disabled)
15
25
35
45
55
65
75
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
CPA INPUT PERIPHERAL VOLTAGE (V)
VCC = 3.0V
VCC = 3.3V
VCC = 3.6V
Figure 14. IMOD Eye Diagram Crosspoint vs. CPA Input Peripheral Voltage and VCC
(IMOD = 40 mA)
15
25
35
45
55
65
75
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
CPA INPUT PERIPHERAL VOLTAGE (V)
TA = –40°C
TA = +85°C
TA = +25°C
TA = +100°C
Figure 15. IMOD Eye Diagram Crosspoint vs. CPA Input Peripheral Voltage and
Ambient Temperature (IMOD = 40 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com