Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2531ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADN2531ACPZ-R7
Description  11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2531ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADN2531ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADN2531ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADN2531
Rev. 0 | Page 18 of 20
OUTLINE DIMENSIONS
0.50
*COMPLIANT TO JEDEC STANDARDS MO-220-VEED-2
EXCEPT FOR EXPOSED PAD DIMENSION.
1
0.50
BSC
0.6
1.50 REF
0 MAX
PIN 1
INDICATOR
0.40
0.30
0.25 MIN
0.45
2.75
BSC SQ
TOP
VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
3.00
BSC SQ
0.90
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
*1.65
1.50 SQ
1.35
16
13
12
5
8
9
4
EXPOSED
PAD
BOTTOM VIEW
FO
PROPER CONNECTION OF
TH
EXPOSED PAD, REFER TO
IO
R
E
THE PIN CONFIGURAT
N AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
cale Package [LFCSP_VQ]
ry Thin Quad
millimeters
Figure 42. 16-Lead Lead Frame Chip S
3 mm × 3 mm Body, Ve
(CP-16-3)
Dimensions shown in
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADN2531ACPZ-WP1
−40°C to +100°C
16-Lead LFCSP_VQ, 50-Piece Waffle Pack
CP-16-3
F0K
ADN2531ACPZ-R21
−40°C to +100°C
16-Lead LFCSP_VQ, 250-Piece Reel
CP-16-3
F0K
ADN2531ACPZ-
16-Lead LFCSP_VQ, 1,500-Piece Reel
CP-16-3
F0K
R71
−40°C to +100°C
EVAL-ADN2531-NTZ1
Optical Evaluation Board Without Laser Populated
EVAL-ADN2531-NPZ1
Optical Evaluation Board with Laser Populated
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com