Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-1.8-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP150ACBZ-1.8-R7
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-1.8-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP150ACBZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP150
Rev. 0 | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLY REJECTION RATIO
(VIN = VOUT + 0.5 V)
PSRR
10 kHz, VIN = 3.8 V, VOUT = 3.3 V, IOUT = 10 mA
70
dB
10 kHz, VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA
70
dB
100 kHz, VIN = 3.8 V, VOUT = 3.3 V, IOUT = 10 mA
55
dB
100 kHz, VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA
55
dB
POWER SUPPLY REJECTION RATIO
(VIN = VOUT + 1 V)
10 kHz, VIN = 4.3 V, VOUT = 3.3 V, IOUT = 10 mA
70
dB
100 kHz, VIN = 4.3 V, VOUT = 3.3 V, IOUT = 10 mA
55
dB
1 Based on an end-point calculation using 1 mA and 150 mA loads. See
for typical load regulation performance for loads less than 1 mA.
Figure 6
2 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.2 V.
3 Start-up time is defined as the time between the rising edges of EN to VOUT being at 90% of its nominal value.
4 Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V or 2.7 V.
RECOMMENDED SPECIFICATIONS: INPUT AND OUTPUT CAPACITOR
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT AND OUTPUT CAPACITOR
Minimum Input and Output Capacitance1
CMIN
TA = −40°C to +125°C
0.7
μF
Capacitor ESR
RESR
TA = −40°C to +125°C
0.001
0.2
Ω
1 The minimum input and output capacitance should be greater than 0.7 μF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R-type and X5R-type capacitors are
recommended, and Y5V and Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com