Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-1.8-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP150ACBZ-1.8-R7
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-1.8-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP150ACBZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP150
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.7 V, VOUT = 3.3 V, IOUT = 1 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
3.315
3.265
3.270
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
–40
–52585
125
JUNCTION TEMPERATURE (°C)
IOUT = 0.1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
Figure 5. Output Voltage (VOUT) vs. Junction Temperature
3.298
3.290
3.291
3.292
3.293
3.294
3.295
3.296
3.297
0.01
1000
100
10
1
0.1
IOUT (mA)
Figure 6. Output Voltage (VOUT) vs. Load Current (IOUT)
3.300
3.288
3.290
3.292
3.294
3.296
3.298
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
VIN (V)
IOUT = 0.1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 150mA
IOUT = 50mA
IOUT = 100mA
Figure 7. Output Voltage (VOUT) vs. Input Voltage (VIN)
300
250
200
150
100
50
0
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
IOUT = 0.1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
Figure 8. Ground Current vs. Junction Temperature
250
0
50
100
150
200
0.01
1000
100
10
1
0.1
IOUT (mA)
Figure 9. Ground Current vs. Load Current (IOUT)
250
200
150
100
50
0
3.5
5.5
5.3
5.1
4.9
4.7
4.5
4.3
4.1
3.9
3.7
VIN (V)
IOUT = 0.1mA
IOUT = 1mA
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
Figure 10. Ground Current vs. Input Voltage (VIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com