Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-1.8-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP150ACBZ-1.8-R7
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-1.8-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP150ACBZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP150ACBZ-1.8-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP150
Rev. 0 | Page 8 of 20
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–50
–25
125
100
75
50
25
0
TEMPERATURE (°C)
VIN = 3.6V
VIN = 3.8V
VIN = 4.2V
VIN = 4.4V
VIN = 5.0V
VIN = 5.2V
VIN = 5.4V
VIN = 5.5V
Figure 11. Shutdown Current vs. Temperature at Various Input Voltages
80
70
60
50
40
30
20
10
0
1
10
100
1000
IOUT (mA)
Figure 12. Dropout Voltage vs. Load Current (ILOAD)
3.35
3.30
3.25
3.20
3.15
3.10
3.00
3.05
3.05
3.10
3.45
3.40
3.35
3.30
3.25
3.20
3.15
VIN (V)
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
Figure 13. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout
700
600
500
400
300
200
100
0
3.05
3.10
3.45
3.40
3.35
3.30
3.25
3.20
3.15
VIN (A)
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 150mA
Figure 14. Ground Current vs. Input Voltage (VIN) in Dropout
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 100µA
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 150mA
VIN = VOUT + 0.5V
VRIPPLE = 50mV
CIN = COUT = 1µF
Figure 15. Power Supply Rejection Ratio (PSRR) vs. Frequency,
VOUT = 1.8 V, VIN = 2.3 V
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 100µA
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 150mA
VIN = VOUT + 0.5V
VRIPPLE = 50mV
CIN = COUT = 1µF
Figure 16. Power Supply Rejection Ratio (PSRR) vs. Frequency,
VOUT = 2.8 V, VIN=3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com