Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-2.5-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP150ACBZ-2.5-R7
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-2.5-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP150ACBZ-2.5-R7 Datasheet HTML 1Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 2Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP150
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Typical Application Circuits............................................................ 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Recommended Specifications: Input and Output Capacitor.. 4
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Data ................................................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Pin Configurations and Function Descriptions ........................... 6
 
Typical Performance Characteristics ..............................................7
 
Theory of Operation ...................................................................... 11
 
Applications Information .............................................................. 12
 
Capacitor Selection .................................................................... 12
 
Undervoltage Lockout ............................................................... 13
 
Enable Feature ............................................................................ 13
 
Current Limit and Thermal Overload Protection ................. 13
 
Thermal Considerations............................................................ 14
 
PCB Layout Considerations...................................................... 17
 
Outline Dimensions ....................................................................... 18
 
Ordering Guide .......................................................................... 19
 
REVISION HISTORY
10/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com