Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-2.5-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP150ACBZ-2.5-R7
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-2.5-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP150ACBZ-2.5-R7 Datasheet HTML 1Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 2Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ultralow Noise,
150 mA CMOS Linear Regulator
ADP150
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Ultra low noise: 9 μV rms, independent of VOUT
No additional noise bypass capacitor required
Stable with 1 μF ceramic input and output capacitors
Maximum output current: 150 mA
Input voltage range: 2.2 V to 5.5 V
Low quiescent current
IGND = 10 μA with zero load
Low shutdown current: <1 μA
Low dropout voltage: 105 mV @ 150 mA load
Initial output voltage accuracy: ±1%
Up to 14 fixed output voltage options: 1.8 V to 3.3 V
PSRR performance of 70 dB at 10 kHz
Current limit and thermal overload protection
Logic-controlled enable
5-lead TSOT package
4-ball, 0.8 mm × 0.8 mm, 0.4 mm pitch WLCSP
APPLICATIONS
Mobile phones
Digital camera and audio devices
Portable and battery-powered equipment
Post dc-to-dc regulation
Portable medical devices
RF, PLL, VCO, and clock power supplies
TYPICAL APPLICATION CIRCUITS
NC = NO CONNECT
1
2
3
5
4
COUT
1µF
CIN
1µF
VOUT = 1.8V
VIN = 2.3V
VOUT
NC
VIN
GND
EN
OFF
ON
Figure 1. 5-Lead TSOT with Fixed Output Voltage, 1.8 V
VIN
VOUT
12
EN
GND
COUT
1µF
CIN
1µF
VOUT = 1.8V
VIN = 2.3V
TOP VIEW
(Not to Scale)
A
B
OFF
ON
Figure 2. 4-Ball WLCSP with Fixed Output Voltage, 1.8 V
GENERAL DESCRIPTION
The ADP150 is an ultralow noise (9 μV), low dropout, linear
regulator that operates from 2.2 V to 5.5 V and provides up to
150 mA of output current. The low 105 mV dropout voltage at
150 mA load improves efficiency and allows operation over a
wide input voltage range.
Using an innovative circuit topology, the ADP150 achieves ultralow
noise performance without the necessity of an additional noise
bypass capacitor, making it ideal for noise sensitive analog and
RF applications. The ADP150 also achieves ultralow noise
performance without compromising PSRR or line and load
transient performance. The ADP150 offers the best combination
of ultralow noise and quiescent current consumption to maximize
battery life in portable applications.
The ADP150 is specifically designed for stable operation with
tiny 1 μF ± 30% ceramic input and output capacitors to meet
the requirements of high performance, space-constrained
applications.
The ADP150 is available in 14 fixed output voltage options,
ranging from 1.8 V to 3.3 V.
Short-circuit and thermal overload protection circuits prevent
damage in adverse conditions. The ADP150 is available in tiny
5-lead TSOT and 4-ball, 0.4 mm pitch WLCSP packages for the
smallest footprint solution to meet a variety of portable power
applications.


Similar Part No. - ADP150ACBZ-2.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150ACBZ-2.5-R7 AD-ADP150ACBZ-2.5-R7 Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150ACBZ-2.5-R7 AD-ADP150ACBZ-2.5-R7 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP150ACBZ-2.5-R7 AD-ADP150ACBZ-2.5-R7 Datasheet
1Mb / 20P
Ultralow Noise, 150 mA, CMOS Linear Regulator
Rev. E
More results

Similar Description - ADP150ACBZ-2.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
Ultralow Noise, 200 mA Linear Regulator
REV. 0
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com