Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-2.5-R7 Datasheet (PDF) - Analog Devices

ADP150ACBZ-2.5-R7 Datasheet PDF - Analog Devices
Part # ADP150ACBZ-2.5-R7
Download  ADP150ACBZ-2.5-R7 Download
File Size   1600.65 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise, 150 mA, CMOS Linear Regulator

ADP150ACBZ-2.5-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP150ACBZ-2.5-R7 Datasheet PDF - Analog Devices

Part # ADP150ACBZ-2.5-R7
Download  ADP150ACBZ-2.5-R7 Click to download

File Size   1600.65 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Noise, 150 mA, CMOS Linear Regulator

ADP150ACBZ-2.5-R7 Datasheet (HTML) - Analog Devices


ADP150ACBZ-2.5-R7 Product details

FEATURES
► Ultralow noise: 9 μV rms, independent of VOUT
► No additional noise bypass capacitor required
► Stable with 1 μF ceramic input and output capacitors
► Maximum output current: 150 mA
► Input voltage range: 2.2 V to 5.5 V
► Low quiescent current
► IGND = 10 μA with zero load
► Low shutdown current: <1 μA
► Low dropout voltage: 105 mV at 150 mA load
► Initial output voltage accuracy: ±1%
► Up to 14 fixed output voltage options: 1.8 V to 3.3 V
► PSRR performance of 70 dB at 10 kHz
► Current limit and thermal overload protection
► Logic-controlled enable
► 5-lead TSOT package
► 4-ball, 0.8 mm × 0.8 mm, 0.4 mm pitch WLCSP
► AEC-Q100 qualified for automotive applications

APPLICATIONS
► Mobile phones
► Digital camera and audio devices
► Portable and battery-powered equipment
► Post dc-to-dc regulation
► Portable medical devices
► RF, voltage controlled oscillator (VCO), and phase locked loop
(PLL) power supplies




Similar Part No. - ADP150ACBZ-2.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150ACBZ-2.5-R7 AD-ADP150ACBZ-2.5-R7 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150ACBZ-2.5-R7 AD-ADP150ACBZ-2.5-R7 Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150ACBZ-2.5-R7 AD-ADP150ACBZ-2.5-R7 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
More results


Similar Description - ADP150ACBZ-2.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
Ultralow Noise, 200 mA Linear Regulator
REV. 0
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com