Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-2.5-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP150ACBZ-2.5-R7
Description  Ultralow Noise, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-2.5-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP150ACBZ-2.5-R7 Datasheet HTML 1Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 2Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
ADP150
Ultralow Noise, 150 mA, CMOS Linear Regulator
Rev. E
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultralow noise: 9 µV rms, independent of VOUT
►
No additional noise bypass capacitor required
►
Stable with 1 µF ceramic input and output capacitors
►
Maximum output current: 150 mA
►
Input voltage range: 2.2 V to 5.5 V
►
Low quiescent current
►
IGND = 10 µA with zero load
►
Low shutdown current: <1 µA
►
Low dropout voltage: 105 mV at 150 mA load
►
Initial output voltage accuracy: ±1%
►
Up to 14 fixed output voltage options: 1.8 V to 3.3 V
►
PSRR performance of 70 dB at 10 kHz
►
Current limit and thermal overload protection
►
Logic-controlled enable
►
5-lead TSOT package
►
4-ball, 0.8 mm × 0.8 mm, 0.4 mm pitch WLCSP
►
AEC-Q100 qualified for automotive applications
APPLICATIONS
►
Mobile phones
►
Digital camera and audio devices
►
Portable and battery-powered equipment
►
Post dc-to-dc regulation
►
Portable medical devices
►
RF, voltage controlled oscillator (VCO), and phase locked loop
(PLL) power supplies
TYPICAL APPLICATION CIRCUITS
Figure 1. 5-Lead TSOT with Fixed Output Voltage, 1.8 V
Figure 2. 4-Ball WLCSP with Fixed Output Voltage, 1.8 V
GENERAL DESCRIPTION
The ADP150 is an ultralow noise (9 µV), low dropout, linear regula-
tor that operates from 2.2 V to 5.5 V and provides up to 150 mA
of output current. The low 105 mV dropout voltage at 150 mA load
improves efficiency and allows operation over a wide input voltage
range.
Using an innovative circuit topology, the ADP150 achieves ultralow
noise performance without the necessity of an additional noise
bypass capacitor, making it ideal for noise sensitive analog and
RF applications. The ADP150 also achieves ultralow noise per-
formance without compromising PSRR or line and load transient
performance. The ADP150 offers the best combination of ultralow
noise and quiescent current consumption to maximize battery life in
portable applications.
The ADP150 is specifically designed for stable operation with tiny
1 µF ± 30% ceramic input and output capacitors to meet the
requirements of high performance, space-constrained applications.
The ADP150 is available in 14 fixed output voltage options, ranging
from 1.8 V to 3.3 V.
Short-circuit and thermal overload protection circuits prevent dam-
age in adverse conditions. The ADP150 is available in tiny 5-lead
TSOT and 4-ball, 0.4 mm pitch WLCSP packages for the smallest
footprint solution to meet a variety of portable power applications.


Similar Part No. - ADP150ACBZ-2.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150ACBZ-2.5-R7 AD-ADP150ACBZ-2.5-R7 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150ACBZ-2.5-R7 AD-ADP150ACBZ-2.5-R7 Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150ACBZ-2.5-R7 AD-ADP150ACBZ-2.5-R7 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
More results

Similar Description - ADP150ACBZ-2.5-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
Ultralow Noise, 200 mA Linear Regulator
REV. 0
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com