Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-2.5-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP150ACBZ-2.5-R7
Description  Ultralow Noise, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-2.5-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP150ACBZ-2.5-R7 Datasheet HTML 12Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 15Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 17Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 18Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 19Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Data Sheet
ADP150
OUTLINE DIMENSIONS
analog.com
Rev. E | 18 of 20
Figure 49. 5-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-5)
Dimensions shown in millimeters
Figure 50. 4-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-4-3)
Dimensions shown in millimeters
Updated: November 11, 2022
ORDERING GUIDE
Table 9. Ordering Guide
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADP150ACBZ-1.8-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
36
ADP150ACBZ-2.5-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
3V
ADP150ACBZ-2.6-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
63
ADP150ACBZ-2.75R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
3X
ADP150ACBZ-2.85R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
3Y
ADP150ACBZ-2.8-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
46
ADP150ACBZ-3.0-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
47
ADP150ACBZ-3.3-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
48
ADP150AUJZ-1.8-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LDS
ADP150AUJZ-2.0-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LT4
ADP150AUJZ-2.5-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LDZ
ADP150AUJZ-2.65-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LPE
ADP150AUJZ-2.8-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LE3
ADP150AUJZ-3.0-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com