Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-2.5-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP150ACBZ-2.5-R7
Description  Ultralow Noise, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-2.5-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP150ACBZ-2.5-R7 Datasheet HTML 12Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 15Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 17Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 18Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 19Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
ADP150
OUTLINE DIMENSIONS
analog.com
Rev. E | 19 of 20
Table 9. Ordering Guide (Continued)
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADP150AUJZ-3.3-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LEJ
ADP150WACBZ-1.8-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
EY
ADP150WACBZ-2.5-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
EZ
ADP150WACBZ-2.6-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
F0
ADP150WACBZ-2.75-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
F1
ADP150WACBZ-2.85-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
F3
ADP150WACBZ-2.8-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
F2
ADP150WACBZ-3.0-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
FV
ADP150WACBZ-3.3-R7
−40°C to +125°C
4-Ball WLCSP (0.8mm x 0.8mm)
Reel, 3000
CB-4-3
FW
ADP150WAUJZ-1.8-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LXA
ADP150WAUJZ-2.0-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LX8
ADP150WAUJZ-3.0-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LXB
ADP150WAUJZ-3.3-R7
−40°C to +125°C
5-Lead TSOT
Reel, 3000
UJ-5
LXD
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
OUTPUT VOLTAGE OPTIONS
Table 10. Output Voltage Options
Model1, 2, 3
Output Voltage (V)
ADP150ACBZ-1.8-R7, ADP150WACBZ-1.8-R7, ADP150AUJZ-1.8-R7, ADP150WAUJZ-1.8-R7
1.8
ADP150AUJZ-2.0-R7, ADP150WAUJZ-2.0-R7
2.0
ADP150ACBZ-2.5-R7, ADP150WACBZ-2.5-R7. ADP150AUJZ-2.5-R7
2.5
ADP150ACBZ-2.6-R7, ADP150WACBZ-2.6-R7
2.6
ADP150AUJZ-2.65-R7
2.65
ADP150ACBZ-2.75R7, ADP150WACBZ-2.75-R7
2.75
ADP150ACBZ-2.8-R7, ADP150WACBZ-2.8-R7, ADP150AUJZ-2.8-R7
2.8
ADP150ACBZ-2.85R7, ADP150WACBZ-2.85-R7
2.85
ADP150ACBZ-3.0-R7, ADP150WACBZ-3.0-R7, ADP150AUJZ-3.0-R7, ADP150WAUJZ-3.0-R7
3.0
ADP150ACBZ-3.3-R7, ADP150WACBZ-3.3-R7, ADP150AUJZ-3.3-R7, ADP150WAUJZ-3.3-R7
3.3
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 Up to 14 fixed output voltage options from 1.8 V to 3.3 V are available. For additional voltage options, contact your local Analog Devices, Inc., sales or distribution
representative.
EVALUATION BOARDS
Table 11. Evaluation Boards
Model1
Description
ADP150CB-3.3-EVALZ
Evaluation Board with WLCSP Package
ADP150UJZ-REDYKIT
Evaluation Board
SCP-ADP150-EVALZ
Signal Chain Power (SCP) Evaluation Board
1 Z = RoHS Compliant Part.
AUTOMOTIVE PRODUCTS
The ADP150W models are available with controlled manufacturing to support the quality and reliability requirements of automotive applications.
Note that these automotive models may have specifications that differ from the commercial models; therefore, designers should review the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com