Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150ACBZ-2.5-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP150ACBZ-2.5-R7
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150ACBZ-2.5-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP150ACBZ-2.5-R7 Datasheet HTML 12Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 13Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 14Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 15Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 16Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 17Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 18Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 19Page - Analog Devices ADP150ACBZ-2.5-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADP150
Rev. 0 | Page 19 of 20
ORDERING GUIDE
Model
Temperature
Range (TJ)
Output
Voltage (V)1
Package Description
Package
Option
Branding
ADP150ACBZ-1.8-R72
–40°C to +125°C
1.8
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-3
36
ADP150ACBZ-2.5-R72
–40°C to +125°C
2.5
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-3
3V
ADP150ACBZ-2.75R72
–40°C to +125°C
2.75
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-3
3X
ADP150ACBZ-2.8-R72
–40°C to +125°C
2.8
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-3
46
ADP150ACBZ-2.85R72
–40°C to +125°C
2.85
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-3
3Y
ADP150ACBZ-3.0R72
–40°C to +125°C
3.0
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-3
47
ADP150ACBZ-3.3-R72
–40°C to +125°C
3.3
4-Ball Wafer Level Chip Scale Package [WLCSP]
CB-4-3
48
ADP150AUJZ-1.8-R72
–40°C to +125°C
1.8
5-Lead Thin Small Outline Transistor Package [TSOT]
UJ-5
LDS
ADP150AUJZ-2.5-R72
–40°C to +125°C
2.5
5-Lead Thin Small Outline Transistor Package [TSOT]
UJ-5
LDZ
ADP150AUJZ-2.8-R72
–40°C to +125°C
2.8
5-Lead Thin Small Outline Transistor Package [TSOT]
UJ-5
LE3
ADP150AUJZ-3.0-R72
–40°C to +125°C
3.0
5-Lead Thin Small Outline Transistor Package [TSOT]
UJ-5
LE2
ADP150AUJZ-3.3-R72
–40°C to +125°C
3.3
5-Lead Thin Small Outline Transistor Package [TSOT]
UJ-5
LEJ
ADP150CB-3.3-EVALZ2
3.3
Evaluation Board with WLCSP package
ADP150UJ-3.3-EVALZ2
3.3
Evaluation Board with TSOT package
1 Up to 14 fixed output voltage options from 1.8 V to 3.3 V are available. For additional voltage options, contact your local Analog Devices, Inc, sales or distribution
representative.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com