Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC121
Description  LI BATTERY PROTECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC121 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC121 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC121
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.6
2009.07.20
Http:// www.silan.com.cn
Page 2 of 9
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Value
Unit
Supply Voltage
VDD
VSS-0.3 ~ VSS+12
V
OC Output Pin Voltage
VOC
VDD-15 ~ VDD+0.3
V
OD Output Pin Voltage
VOD
VSS-0.3 ~ VDD+0.3
V
CSI Input Pin Voltage
VCSI
VDD-15 ~ VDD+0.3
V
Operating Temperature Range
TOPR
-40 ~ + 85
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified)
Characteristics
Symbol
Status
Min.
Typ.
Max.
Unit
Operating Voltage
Operating Voltage
VDD
1.8
8.0
V
Current Consumption
Supply Current
IDD
VDD=3.9V
3.0
6.0
µA
Power Down Current
IPD
VDD=2.0V
0.3
0.6
µA
Detection Voltage
Over Charge Detection Voltage
VOCU
4.24
4.28
4.32
V
Over Charge Release Voltage
VOCR
4.05
4.10
4.15
V
Over Discharge Detection Voltage
VODL
2.40
2.50
2.60
V
Over Discharge Release Voltage
VODR
2.80
2.90
3.00
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com