Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC121
Description  LI BATTERY PROTECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC121 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC121 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SC121
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.6
2009.07.20
Http:// www.silan.com.cn
Page 1 of 9
ORDERING INFORMATION
Part No.
Package
Marking
Material
Package Type
SC121NTR
121N
Pb free
Tape & Reel
SC121NATR
121NA
Pb free
Tape & Reel
SC121NGTR
121NG
Halogen free
Tape & Reel
SC121NAGTR
SOT-23-6
121NAG
Halogen free
Tape & Reel
LI+ BATTERY PROTECTION CIRCUIT
DESCRIPTION
SC121 is a LI+ battery protection circuit. It is suitable for protecting LI+
battery against damage from over charge, over discharge, and over
current. It contains high accurate voltage detection and delay circuits.
FEATURES
* Low supply current
* Over-charge detect 4.28V, Over-charge release 4.10V.
* Over-discharge detect 2.50V, Over-discharge release 2.90V.
* Over-current detect 0.15V, Short Current detect 1.00V.
* Overcharge/over-discharge/over-current detection delay
* Charger detection
* Reset resistance for over current protection
* Wide supply voltage range
* Small package
APPLICATIONS
* Protection IC for One-Cell LI+
Battery Pack


Similar Part No. - SC121

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC121 SEMTECH-SC121 Datasheet
335Kb / 23P
Low Voltage Synchronous Boost Regulator
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
High Speed, 12 V, Synchronous Power MOSFET Driver
logo
Socay Electornics Co., ...
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
logo
Bel Fuse Inc.
SC1210 BEL-SC1210 Datasheet
783Kb / 1P
SMD POWER INDUCTORS Open frame construction
logo
Littelfuse
SC1210-01ETG LITTELFUSE-SC1210-01ETG Datasheet
760Kb / 5P
Bidirectional Discrete TVS Diode, General Purpose Surge Protection
Revised: 04/27/21
More results

Similar Description - SC121

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1412 SILAN-SA1412 Datasheet
132Kb / 5P
TWO CELL LI BATTERY PROTECTION CIRCUIT
SA45141 SILAN-SA45141 Datasheet
502Kb / 9P
THREE OR FOUR-CELL LI BATTERY PROTECTION CIRCUIT
SC8201 SILAN-SC8201 Datasheet
565Kb / 9P
ONE-CELL LI BATTERY PROTECTION CIRCUIT
SC8261G SILAN-SC8261G Datasheet
402Kb / 9P
LI BATTERY PROTECTION CIRCUIT
logo
Monolithic Power System...
MP2670 MPS-MP2670 Datasheet
386Kb / 12P
Li-ion Battery Charger Protection Circuit
MP2671 MPS-MP2671 Datasheet
363Kb / 11P
Li-ion Battery Charger Protection Circuit
MP2674 MPS-MP2674 Datasheet
353Kb / 11P
Li-Ion Battery Charger Protection Circuit
logo
Bourns Electronic Solut...
MF-SVS210-0 BOURNS-MF-SVS210-0 Datasheet
188Kb / 1P
Li-ion Battery Controller Protection
logo
Unisonic Technologies
UB244A UTC-UB244A_15 Datasheet
179Kb / 11P
LI-ION BATTERY PROTECTION IC
logo
Monolithic Power System...
MP2678 MPS-MP2678 Datasheet
396Kb / 11P
Li-Ion Battery Charger Protection Circuit With LDO Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com