Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC121 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC121
Description  LI BATTERY PROTECTION CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC121 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC121 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC121 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SC121
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.6
2009.07.20
Http:// www.silan.com.cn
Page 3 of 9
Characteristics
Symbol
Status
Min.
Typ.
Max.
Unit
Over Current 1 Detection Voltage
VOI1
0.13
0.15
0.17
V
Over Current 2(Short Current)Detection
Voltage
VOI2
VDD=3.6V
0.80
1.00
1.20
V
Over Current Reset Resistor
Rshort
VDD=3.6V
400
500
600
k
Ω
Charger Detection Voltage
VCH
-0.8
-0.5
-0.2
V
Delay Time
Over Charge Detection Delay Time
TOC
VDD=3.6V~4.4V
150
340
500
ms
Over Discharge Detection Delay Time
TOD
VDD=3.6V~2.0V
80
200
300
ms
Over Current 1 Detection Delay Time
TOI1
VDD=3.6V
5
13
20
ms
Over Current 2(Short Current)Detection
Delay Time
TOI2
VDD=3.6V
5
50
µs
Other
OC Pin Output “H”Voltage
Voh1
VDD-0.1 VDD-0.02
V
OC Pin Output “L”Voltage
Vol1
0.01
0.1
V
OD Pin Output “H”Voltage
Voh2
VDD-0.1 VDD-0.02
V
OD Pin Output “L”Voltage
Vol2
0.01
0.1
V
0 V battery charge starting charger
voltage
VOCHA
SC121NA
1.55
V
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN No.
Symbol
I/O
Description
1
OD
O
FET gate connection pin for discharge control.
2
CSI
I/O
Input pin for current sense, charger detect.
3
OC
O
FET gate connection pin for charge control.
4
TD
I
Test pin for reduce delay time.
5
VDD
I
Positive power input pin.
6
VSS
I
Negative power input pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com