Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 8Page - Linear Technology LTC4100_09 Datasheet HTML 9Page - Linear Technology LTC4100_09 Datasheet HTML 10Page - Linear Technology LTC4100_09 Datasheet HTML 11Page - Linear Technology LTC4100_09 Datasheet HTML 12Page - Linear Technology LTC4100_09 Datasheet HTML 13Page - Linear Technology LTC4100_09 Datasheet HTML 14Page - Linear Technology LTC4100_09 Datasheet HTML 15Page - Linear Technology LTC4100_09 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LTC4100
12
4100fb
OPERATION
Description of Supported Battery Charger Functions
The functions are described as follows (see Table 1 also):
FunctionName() ‘hnn (command code)
Description: A brief description of the function.
Purpose: The purpose of the function, and an example
where appropriate.
• SMBus Protocol: Refer to Section 5 of the Smart
Battery Charger specification for more details.
Input, Output or Input/Output: A description of the data
supplied to or returned by the function.
ChargerSpecInfo() (‘h11)
Description: The SMBus Host uses this command to read
the LTC4100’s extended status bits.
Purpose: Allows the System Host to determine the
specification revision the charger supports as well as
other extended status information.
• SMBus Protocol: Read Word.
Output: The CHARGER_SPEC indicates that the LTC4100
supports Version 1.1 of the Smart Battery Charger
Specification. The SELECTOR_SUPPORT indicates that
the LTC4100 does not support the optional Smart Battery
Selector Commands.
ChargerMode() (‘h12)
Description: The SMBus Host uses this command to set
the various charger modes. The default values are set to
allow a Smart Battery and the LTC4100 to work in concert
without requiring an SMBus Host.
Purpose: Allows the SMBus Host to configure the charger
and change the default modes. This is a write only function,
but the value of the “mode” bit, INHIBIT_CHARGE may be
determined using the ChargerStatus() function.
• SMBus Protocol: Write Word.
Input: The INHIBIT_CHARGE bit allows charging to be
inhibited without changing the ChargingCurrent() and
ChargingVoltage() values. The charging may be resumed
by clearing this bit. This bit is automatically cleared when
power is reapplied or when a battery is reinserted.
The ENABLE_POLLING bit is not supported by the LTC4100.
Values written to this bit are ignored.
The POR_RESET bit sets the LTC4100 to its power-on
default condition.
The RESET_TO_ZERO bit sets the ChargingCurrent()and
ChargingVoltage() values to zero. This function ALWAYS
clears the ChargingVoltage() and ChargingCurrent() values
to zero even if the INHIBIT_CHARGE bit is set.
ChargerStatus() (‘h13)
Description: The SMBus Host uses this command to read
the LTC4100’s status bits.
Purpose: Allows the SMBus Host to determine the status
and level of the LTC4100.
• SMBus Protocol: Read Word.
Output: The CHARGE_INHIBITED bit reflects the status
of the LTC4100 set by the INHIBIT_CHARGE bit in the
ChargerMode() function.
The POLLING_ENABLED, VOLTAGE_NOTREG, and CUR-
RENT_NOTREG are not supported by the LTC4100.
The LTC4100 always reports itself as a Level 2 Smart
Battery Charger.
CURRENT_OR bit is set only when ChargingCurrent() is
set to a value outside the current regulation range of the
LTC4100. This bit may be used in conjunction with the
INHIBIT_CHARGE bit of the ChargerMode() and Charg-
ingCurrent() to determine the current capability of the
LTC4100. When ChargingCurrent() is set to the ILIM + 1,
the CURRENT_OR bit will be set.
VOLTAGE_OR bit is set only when ChargingVoltage() is
set to a value outside the voltage regulation range of the
LTC4100. This bit may be used in conjunction with the
INHIBIT_CHARGE bit of the ChargerMode() and Charg-
ingVoltage() to determine the voltage capability of the
LTC4100. When ChargingVoltage() is set to the VLIM, the
VOLTAGE_OR bit will be set.
The RES_OR bit is set only when the SafetySignal resis-
tance value is greater than 95kΩ. This indicates that the
SafetySignal is to be considered as an open circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com