Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 17Page - Linear Technology LTC4100_09 Datasheet HTML 18Page - Linear Technology LTC4100_09 Datasheet HTML 19Page - Linear Technology LTC4100_09 Datasheet HTML 20Page - Linear Technology LTC4100_09 Datasheet HTML 21Page - Linear Technology LTC4100_09 Datasheet HTML 22Page - Linear Technology LTC4100_09 Datasheet HTML 23Page - Linear Technology LTC4100_09 Datasheet HTML 24Page - Linear Technology LTC4100_09 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC4100
21
4100fb
APPLICATIONS INFORMATION
Adapter Limiting
An important feature of the LTC4100 is the ability to auto-
matically adjust charging current to a level which avoids
overloading the wall adapter. This allows the product to
operate at the same time that batteries are being charged
without complex load management algorithms. Addition-
ally, batteries will automatically be charged at the maximum
possible rate of which the adapter is capable.
This feature is created by sensing total adapter output
current and adjusting charging current downward if a
preset adapter current limit is exceeded. True analog
control is used, with closed loop feedback ensuring that
adapter load current remains within limits. Amplifier CL1 in
Figure 9 senses the voltage across RCL, connected be-
tween the CLP and CLN pins. When this voltage exceeds
100mV, the amplifier will override programmed charging
current to limit adapter current to 100mV/RCL. A lowpass
filter formed by 4.99k and 0.1μF is required to eliminate
switching noise. If the current limit is not used, CLP should
be connected to CLN.
Setting Input Current Limit
To set the input current limit, you need to know the mini-
mum wall adapter current rating. Subtract 7% for the input
current limit tolerance and use that current to determine
the resistor value.
RCL = 100mV/ILIM
ILIM = Adapter Min Current
– (Adapter Min Current • 7%)
As is often the case, the wall adapter will usually have at
least a +10% current limit margin and many times one
can simply set the adapter current limit value to the actual
adapter rating (Figure 9).
Charge Termination Issues
Batteries with constant current charging and voltage-based
charger termination might experience problems with re-
ductions of charger current caused by adapter limiting. It
is recommended that input limiting feature be defeated in
such cases. Consult the battery manufacturer for informa-
tion on how your battery terminates charging.
Setting Output Current Limit (Refer to Figure 1)
The LTC4100 current DAC and the PWM analog circuitry
must coordinate the setting of the charger current. Failure
to do so will result in incorrect charge currents.
Table 8. Common RCL Resistor Values
ADAPTER RATING (A) –7% ADAPTER RATING (A)
RCL VALUE* (Ω) 1%
RCL LIMIT (A) RCL POWER DISSIPATION (W) RCL POWER RATING (W)
1.5
1.40
0.068
1.47
0.15
0.25
1.8
1.67
0.062
1.61
0.16
0.25
2.0
1.86
0.051
1.96
0.20
0.25
2.3
2.14
0.047
2.13
0.21
0.25
2.5
2.33
0.043
2.33
0.23
0.50
2.7
2.51
0.039
2.56
0.26
0.50
3.0
2.79
0.036
2.79
0.28
0.50
3.3
3.07
0.033
3.07
0.31
0.50
3.6
3.35
0.030
3.35
0.33
0.50
4.0
3.72
0.027
3.72
0.37
0.50
* Rounded to nearest 5% standard step value. Many non standard values are popular.
100mV
–
+
R1
4.99k
CLP
CLN
INFET
4100 F09
LTC4100
C9
0.1μF
RCL*
VIN
CL1
*RCL =
100mV
ADAPTER CURRENT LIMIT
TO LOAD
24
23
4
Figure 9. Adaptor Current Limiting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com