Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4100 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC4100
Description  Smart Battery Charger Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC4100_09 Datasheet HTML 22Page - Linear Technology LTC4100_09 Datasheet HTML 23Page - Linear Technology LTC4100_09 Datasheet HTML 24Page - Linear Technology LTC4100_09 Datasheet HTML 25Page - Linear Technology LTC4100_09 Datasheet HTML 26Page - Linear Technology LTC4100_09 Datasheet HTML 27Page - Linear Technology LTC4100_09 Datasheet HTML 28Page - Linear Technology LTC4100_09 Datasheet HTML 29Page - Linear Technology LTC4100_09 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC4100
30
4100fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 1109 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1760
Smart Battery System Manager
Autonomous Power Management and Battery Charging for Two Smart Batteries,
SMBus Rev 1.1 Compliant
LTC1960
Dual Battery Charger/Selector with SPI Interface
Simultaneous Charge or Discharge of 2 Batteries, DAC Programmable Current
and Voltage, Input Current Limiting Maximizes Charge Current
LTC1980
Combination Battery Charger and DC/DC Converter
Input Supply May be Above or Below Battery Voltage, up to 8.4V Float Voltage,
24-Pin SSOP Package
LTC4006
Small, High Efficiency, Fixed Voltage, Lithium-Ion
Battery Charger
Constant Current/Constant Voltage Switching Regulator with Termination Timer,
AC Adapter Current Limit and SafetySignal Sensor in a Small 16-Pin Package
LTC4007
High Efficiency, Programmable Voltage Battery
Charger with Termination
Complete Charger for 3- or 4-Cell Li-Ion Batteries, AC Adapter Current Limit,
SafetySignal Sensor and Indicator Outputs
LTC4008
High Efficiency, Programmable Voltage/Current
Battery Charger
Constant Current/Constant Voltage Switching Regulator; Resistor Voltage/
Current Programming, AC Adapter Current Limit and SafetySignal Sensor
LTC4101
Smart Battery Charger Controller
For Smart Batteries with Voltages Below 5.5V
LTC4412
Low Loss PowerPath™ Controller
Very Low Loss Replacement for Power Supply OR’ing Diodes Using Minimal
External Components
PowerPath is a trademark of Linear Technology Corporation.
LTC4100 Li-Ion Battery Charger ILIM = 4A/VLIM = 17.4V, Adapter Rating = 2.7A
5
11
20
12
17
14
13
10
6
7
8
9
1
3
21
18
16
15
C4
0.01μF
25V
C5
0.1μF
10V
0.1μF
10V
C9
0.1μF
10V
R4
100Ω
300Ω
SDA
SCL
RTHB
54.9k
1%
RTHA
1.13k
1%
RSNS
0.025Ω
0.5W, 1%
RCL
0.033Ω
0.5W
1%
OPTIONAL
DISCHARGE
PATH TO
SYSTEM
LOAD
C4,C5
10μF
2
25V
X5R
C2, C3
10μF
2
25V
X5R
SYSTEM
LOAD
Q3
Q1
DCIN
DCIN
100k
Q2
Q4
D6
R11
1.21k
1%
R5
6.04k
1%
C6, 0.12μF
10V, X7R
C8, 0.068μF
10V, X7R
C7, 0.0015μF
10V, X7R
R10
13.7k
1%
C1
0.1μF
15V TO 20V
DCIN
FROM WALL
ADAPTER
R1
4.9k
L1
10μH
4A
424
23
D1
D1: MBRM140T3G
D2-D5: SMALL SIGNAL SCHOTTKY
D6: 18V ZENER DIODE
Q1: 1/2 Si4925BDY
Q2: FDS6685
Q3: FDC645N
Q4: 1/2 Si4925
4100 TA02
R6, RVLIM 33k
SDA
SCL
10k
10k
3V TO 5.5V
SafetySignal
D2
D3
D4
D5
4-CELL Li-Ion
SMART BATTERY
22
19
DCIN
DCDIV
IDC
GND
VDD
VLIM
ILIM
ACP
CHGEN
SMBALERT
SDA
SCL
INFET
TGATE
BGATE
CSP
VSET
THA
THB
CLN
CLP
LTC4100
BAT
PGND
ITH
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com