Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6013 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6013
Description  Stepper Motor Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6013 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6013 Datasheet HTML 1Page - Micro Analog systems MAS6013 Datasheet HTML 2Page - Micro Analog systems MAS6013 Datasheet HTML 3Page - Micro Analog systems MAS6013 Datasheet HTML 4Page - Micro Analog systems MAS6013 Datasheet HTML 5Page - Micro Analog systems MAS6013 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 (6)
DA6013.000
24 April, 2008
PAD LAYOUT
INP4
760 µm
MAS
INP3
INP2
INP1
VDD
OUT4
OUT3
OUT2
OUT1
VSS
6013
DIE size = 760 µm x 1140 µm; PAD size = 80 x 80 µm
Note: Because the substrate of the die is internally connected to VSS, the die has to be connected to VSS or left
floating. Please make sure that VSS is the first pad to be bonded. Pick-and-place and all component assembly
are recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
Pad Identification
Name
X-coordinate
[µ
µ
µ
µ
m]
Y-coordinate
[µ
µ
µ
µ
m]
Note
Stepper Motor Driver Input 1
INP1
152 µm
941 µm
Stepper Motor Driver Input 2
INP2
152 µm
755 µm
Stepper Motor Driver Input 3
INP3
152 µm
569 µm
Stepper Motor Driver Input 4
INP4
152 µm
382 µm
Supply Ground
VSS
152 µm
194 µm
Stepper Motor Driver Output 4
OUT4
609 µm
216 µm
Stepper Motor Driver Output 3
OUT3
609 µm
407 µm
Stepper Motor Driver Output 2
OUT2
609 µm
597 µm
Stepper Motor Driver Output 1
OUT1
609 µm
788 µm
Supply Voltage
VDD
609 µm
938 µm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com