Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6013 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6013
Description  Stepper Motor Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6013 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6013 Datasheet HTML 1Page - Micro Analog systems MAS6013 Datasheet HTML 2Page - Micro Analog systems MAS6013 Datasheet HTML 3Page - Micro Analog systems MAS6013 Datasheet HTML 4Page - Micro Analog systems MAS6013 Datasheet HTML 5Page - Micro Analog systems MAS6013 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 (6)
DA6013.000
24 April, 2008
MAS6013
Stepper Motor Driver IC
•
Four Stepper Motor Driver Outputs
•
Low Voltage Operation
•
Very Low Standby Current
DESCRIPTION
The MAS6013 Stepper Motor Driver is low power and
low voltage stepper motor driver IC ideally suited for
driving miniature bipolar stepper motors of watches
and clocks. The circuit has four stepper motor driver
circuits being capable of driving two bipolar stepper
motors.
MAS6013 provides high load currents even at low
supply voltages. Supply voltage ranges from 1.0 V to
5.0 V. The low voltage operation extends the battery
lifetime. For higher current driving capability it is also
possible to connect inputs and outputs in parallel.
FEATURES
APPLICATIONS
•
Four Stepper Motor Driver Outputs Capable of
Driving Two Bipolar Stepper Motors (14 mA @
VDD = 3 V)
•
Wide Supply Voltage Range 1.0 V..5.0 V
•
Very Low Standby Current
•
Watch and Clock Stepper Motor Driver
•
Motor Driver
•
LED Driver
•
Relay Driver
BLOCK DIAGRAM


Similar Part No. - MAS6013

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6011 MAS-MAS6011 Datasheet
170Kb / 8P
Solar Cell System Manager
MAS6011AA3Q1306 MAS-MAS6011AA3Q1306 Datasheet
170Kb / 8P
Solar Cell System Manager
MAS6011AA3WA300 MAS-MAS6011AA3WA300 Datasheet
170Kb / 8P
Solar Cell System Manager
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
Solar Cell Energy Harvesting
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
Stepper Motor Driver IC
More results

Similar Description - MAS6013

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
2-Phase Stepper Motor Unipolar Driver IC
logo
Infineon Technologies A...
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
logo
Micro Analog systems
MAS9012 MAS-MAS9012 Datasheet
211Kb / 12P
Stepper Motor Driver IC
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
Stepper Motor Driver IC
logo
Texas Instruments
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
UNIPOLAR STEPPER MOTOR DRIVER IC
logo
Shindengen Electric Mfg...
MTD1121FE SHINDENGEN-MTD1121FE Datasheet
84Kb / 5P
Stepper Motor Driver IC
logo
Asahi Kasei Microsystem...
AP1025 AKM-AP1025 Datasheet
910Kb / 21P
45V Single Stepper Motor Driver IC
logo
Texas Instruments
DRV8805 TI-DRV8805_15 Datasheet
970Kb / 21P
UNIPOLAR STEPPER MOTOR DRIVER IC
logo
Asahi Kasei Microsystem...
AP1025BEN AKM-AP1025BEN Datasheet
910Kb / 21P
45V Single Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com