Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6013 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6013
Description  Stepper Motor Driver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6013 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6013 Datasheet HTML 1Page - Micro Analog systems MAS6013 Datasheet HTML 2Page - Micro Analog systems MAS6013 Datasheet HTML 3Page - Micro Analog systems MAS6013 Datasheet HTML 4Page - Micro Analog systems MAS6013 Datasheet HTML 5Page - Micro Analog systems MAS6013 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 (6)
DA6013.000
24 April, 2008
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD-VSS
-0.2
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
-20
+70
oC
ESD Rating
VESD
For all pins,
Human Body Model (HBM),
ESD Association Standard
Test Method ESD-STM5.1-
1998, CESD = 100 pF,
Rs = 1500 Ω),
-2
2
kV
Latchup Current Limit
ILUT
For all pins,
test according to
Micro Analog Systems
specification ESQ0141.
- 100
+ 100
mA
Junction Temperature
TJmax
+ 175
°C
Storage Temperature
TST
-55
+150
oC
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will
not be destroyed.
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD=3 V, Temperature = 25°C Unless Otherwise Specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
1.0
5.0
V
Operating Temperature
TOP
-20
+70
oC
Input Voltage LO
VIL
0
20%
VDD
V
Input Voltage HI
VIH
80%
VDD
VDD
V
VINPD=VINP1..4=0 V
-5
nA
Input Current
IP_IN
VINPD=VINP1..4=3 V
5
nA
VINPD=VINP1..4=0 V
0.1
1
µ
A
VDD Standby Current
IDD_STANDBY
VINPD=0 V, VINP1..4=3 V
0.1
1
µ
A
VDD=1.0 V
1.4
3.8
mA
VDD=1.2 V
3.5
5.0
mA
VDD=1.5 V
5.0
6.6
mA
VDD=3.0 V
12.5
14
mA
VDD=3.6 V
15.5
16.9
mA
Motor Driver Output Current
(RL =200Ω,
VINP1/3=0 V, VINP2/4=VDD or
VINP1/3=VDD, VINP2/4=0 V)
|
IP_OUT|
VDD=5.0 V
22.5
23.7
mA
Motor Driver Output Delay Time
TP
RL=200Ω, CL=30 pF
VDD=3.0 V
VDD=1.0 V
90
420
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com