Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6501 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS6501
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS6501 Datasheet HTML 1Page - Micro Analog systems MAS6501 Datasheet HTML 2Page - Micro Analog systems MAS6501 Datasheet HTML 3Page - Micro Analog systems MAS6501 Datasheet HTML 4Page - Micro Analog systems MAS6501 Datasheet HTML 5Page - Micro Analog systems MAS6501 Datasheet HTML 6Page - Micro Analog systems MAS6501 Datasheet HTML 7Page - Micro Analog systems MAS6501 Datasheet HTML 8Page - Micro Analog systems MAS6501 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DA6501.001
27 October 2008
2 (16)
BLOCK DIAGRAM
S&H
ADC
DIG
FIL
COMMON
NI
PI
VDD
GND
MCLK
SDA
XCLR
EOC
SCL
DIG
INT
Figure 1. MAS6501 block diagram
ABSOLUTE MAXIMUM RATINGS
All Voltages with Respect to Ground
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VCC
During conversion
No conversion
- 0.3
- 0.3
3.8
6.0
V
Voltage Range for All Pins
- 0.3
VIN + 0.3
V
Latchup Current Limit
ILUT
For all pins,
test according to
Micro Analog Systems
specification ESQ0141.
See note below.
- 100
+ 100
mA
Junction Temperature
TJmax
+ 175
°C
Storage Temperature
TS
- 55
+125
°C
Note: Stresses beyond the values listed may cause a permanent damage to the device. The device may not
operate under these conditions, but it will not be destroyed.
Note: This is a CMOS device and therefore it should be handled carefully to avoid any damage by static voltages
(ESD).
Note: In latchup testing the supply voltages are connected normally to the tested device. Then pulsed test current is fed
to each input separately and device current consumption is observed. If the device current consumption increases
suddenly due to test current pulses and the abnormally high current consumption continues after test current pulses are
cut off then the device has gone to latch up. Current pulse is turned on for 10 ms and off for 20 ms.
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
2.0
2.35
3.6
V
Operating Temperature
TA
-20
+25
+60
°C
The device performance may deteriorate in the long run if the Recommended Operation Conditions limits are continuously exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com