Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6501 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS6501
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS6501 Datasheet HTML 1Page - Micro Analog systems MAS6501 Datasheet HTML 2Page - Micro Analog systems MAS6501 Datasheet HTML 3Page - Micro Analog systems MAS6501 Datasheet HTML 4Page - Micro Analog systems MAS6501 Datasheet HTML 5Page - Micro Analog systems MAS6501 Datasheet HTML 6Page - Micro Analog systems MAS6501 Datasheet HTML 7Page - Micro Analog systems MAS6501 Datasheet HTML 8Page - Micro Analog systems MAS6501 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DA6501.001
27 October 2008
3 (16)
ELECTRICAL CHARACTERISTICS
TA = -20
oC to +60oC, Typ T
A = 25
oC, VDD = 2.35 V, R
sensor = 4.5kΩ unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Average ADC Current
during Conversion Time
(see Conversion Time at
bottom)
ICONV
Max value at VDD = 3.6 V
30
50
µA
Average ADC Current in
Pressure and Temperature
Measurement during
Conversion Period
(no sensor current
included)
IADC
1 conversion/s (conversion
period 1 s), XENMCLKDIV=1,
Rsensor = 4.5 kΩ,
Max value at VDD = 3.6 V
OSR=512
OSR=256
OSR=128
OSR=64
0.5
0.25
0.13
0.07
0.9
0.5
0.3
0.2
µA
Average Supply Current in
Pressure Measurement
during Conversion Period
(including sensor bridge
current)
ISAVG_P
1 conversion/s (conversion
period 1 s), XENMCLKDIV=1,
Rsensor = 4.5 kΩ,
Max value at VDD = 3.6 V
OSR=512
OSR=256
OSR=128
OSR=64
1.6
0.8
0.5
0.3
2.5
1.3
0.7
0.4
µA
Average Supply Current in
Temperature Measurement
(including sensor bridge
current)
ISAVG_T
1 conversion/s (conversion
period 1 s), XENMCLKDIV=1,
Rsensor = 4.5 kΩ,
Max value at VDD = 3.6 V
OSR=512
OSR=256
OSR=128
OSR=64
0.9
0.5
0.3
0.2
1.5
0.8
0.4
0.3
µA
Peak Supply Current
During Pressure
Measurement
ISC
VDD = 2.35 V, Rsensor = 4.5 kΩ
0.52
mA
Peak Supply Current
During Temperature
Measurement
ISC
VDD = 2.35 V, Rsensor = 4.5 kΩ
0.19
mA
Standby Current
ISS
VDD = 2.35 V
0.1
0.5
µA
Conversion Time
tCONV
MCLK = 32768 Hz,
XENMCLKDIV=1
OSR=512
OSR=256
OSR=128
OSR=64
16.1
8.3
4.4
2.5
ms
Note: XENMCLKDIV refer to the I
2C serial interface control bits, see table 1 on page 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com