Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6501 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS6501
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS6501 Datasheet HTML 5Page - Micro Analog systems MAS6501 Datasheet HTML 6Page - Micro Analog systems MAS6501 Datasheet HTML 7Page - Micro Analog systems MAS6501 Datasheet HTML 8Page - Micro Analog systems MAS6501 Datasheet HTML 9Page - Micro Analog systems MAS6501 Datasheet HTML 10Page - Micro Analog systems MAS6501 Datasheet HTML 11Page - Micro Analog systems MAS6501 Datasheet HTML 12Page - Micro Analog systems MAS6501 Datasheet HTML 13Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DA6501.001
27 October 2008
9 (16)
APPLICATION INFORMATION
Figure 3. Resistive sensor connection circuit
Together
with
a
resistive
pressure
sensor,
MAS6501 can be used in pressure measurement
applications. Control can be performed with a micro-
controller through the I
2C serial interface.
The sensor is connected between the power supply
voltage
(VDD)
and
MAS6501
signal
ground
(COMMON) which can be internally (switch inside of
MAS6501) connected to ground (GND). Sensor
output is read as a differential signal through PI
(positive input) and NI (negative input) to the ∆Σ
converter in MAS6501.
In the pressure measurement mode, the switches
marked “P” are closed and the sensor output is fed
through
to
the
ADC.
In
the
temperature
measurement mode, the switches marked “T” are
closed and the voltage at the ADC input is
determined by the internal resistor array and the
temperature-dependent resistance of the sensor. In
this configuration the sensor bridge is connected as
part of single four resistor bridge circuit where other
four resistors (R1, R2, R3, R4) are inside the IC.
To guarantee conversion accuracy a supply voltage
decoupling capacitor of 4.7 µF or more should be
placed between VDD and GND of MAS6501 (see
CVDD in figure 3).
MCLK
SCL
SDA
Input MUX
ADC
COMMON
PI
NI
Dig.
filter
MAS9185
GND
VDD
P
P
T
T
P
T
T
Serial
Interface
Control
I
2C
SENSOR
EOC
R1
R4
R2
R3
XCLR
MAS6501
+
GND
GND
CVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com