Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6501BA1ST206 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS6501BA1ST206
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501BA1ST206 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS6501BA1ST206 Datasheet HTML 1Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 2Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 3Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 4Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 5Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 6Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 7Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 8Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DA6501.001
27 October 2008
1 (16)
MAS6501
16-Bit Analog-to-Digital Converter
•
Standby Current Consumption
0.1 µA
•
Low Supply Current
•
Low Power Consumption
•
Resolution 16 Bits
•
Ratiometric ∆
∆
∆
∆Σ
Σ
Σ
Σ
ADC
•
ENOB 14 Bits
•
Serial Data Output (I
2C bus)
DESCRIPTION
The
MAS6501
is
a
16
bit
Analog-to-Digital
Converter (ADC), which employs a delta-sigma (∆Σ)
conversion technique. With the linear input signal
range of 282 mVPP its resolution is 14 bits.
The MAS6501 is designed especially to
meet the requirement for low power consumption,
thus making it an ideal choice for battery powered
systems. The MAS6501 is equipped with a standby
function, i.e. the ADC is in power down between
each conversion. By utilizing this and overall low
power consumption, current consumption values of
1.6 µA (one pressure conversion in a second with
full 14-bit accuracy) or less can be achieved.
The MAS6501 has an on-chip second order
decimator filter to process the output of the second
order ∆Σ -modulator. The ADC also has two
selectable conversion ranges with two optional
offset levels.
A bi-directional 2-wire I
2C bus is used for
configuring
conversion
parameters,
starting
conversion and reading out the A/D conversion
result.
MAS6501 has one input channel suitable for
piezo resistive pressure sensor. In addition to
pressure measurement configuration the device can
be configured to temperature measurement.
FEATURES
APPLICATIONS
•
Low Standby Current Consumption 0.1 µA Typ
•
Low Supply Current: 0.2 µA..1.6 µA
•
Supply Voltage: 2.0 V…3.6 V
•
Ratiometric ∆Σ Conversion
•
Two Input Signal Ranges (VDD=2.35V):
325 mVPP , 98 mVPP
•
Two Optional Offsets (VDD=2.35V):
123 mV, 33 mV
•
Over Sampling Ratio: 512, 256, 128, 64
•
Conversion Times 32.2 ms…2.5 ms
•
In Fast Mode: Over Sampling Ratio 64,
Conversion Time 2.5 ms, Resolution 10 Bits
•
Good Noise Performance due to ∆Σ
Architecture
•
2-Wire I
2C Interface
•
Battery Powered Systems
•
Low Frequency Measurement Applications
•
Pressure and Temperature Measurement
•
Current/Power Consumption Critical Systems
•
Industrial and Process Control Applications in
Noisy Environments
I
2C is a registered trademark of Philips Inc.
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.


Similar Part No. - MAS6501BA1ST206

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6502 MAS-MAS6502 Datasheet
291Kb / 20P
Piezoresistive Sensor
MAS6502 MAS-MAS6502 Datasheet
39Kb / 3P
Writing data to the EEPROM
MAS6502 MAS-MAS6502_11 Datasheet
39Kb / 3P
Writing data to the EEPROM
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
Piezoresistive Sensor Signal Interface IC
MAS6503CA1Q1706 MAS-MAS6503CA1Q1706 Datasheet
1Mb / 34P
Piezoresistive Sensor Signal Interface IC
More results

Similar Description - MAS6501BA1ST206

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Maxwell Technologies
7846A MAXWELL-7846A Datasheet
256Kb / 11P
16-Bit Digital to Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
16-Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com