Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6501BA1ST206 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS6501BA1ST206
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501BA1ST206 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS6501BA1ST206 Datasheet HTML 7Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 8Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 9Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 10Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 11Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 12Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 13Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 14Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 15Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DA6501.001
27 October 2008
11 (16)
SAMPLES IN SBDIL 20 PACKAGE
PI 1
COMMON 2
GND 3
NC 4
NC 5
NC 6
NC 7
NC 8
EOC 9
VDD 10
20 TE2
19 NI
18 TE1
17 NC
16 NC
15 NC
14 SCL
13 SDA
12 XCLR
11 MCLK
Top Marking Definitions:
YYWW = Year Week
XXXXX.X = Lot Number
xx = Sample Version
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Notes
PI
1
AI
ADC Positive Input
COMMON
2
AI
Sensor Ground
GND
3
G
Supply Ground
4
NC
5
NC
6
NC
7
NC
8
NC
EOC
9
DO
End of Conversion
VDD
10
P
Power Supply
MCLK
11
DI
Master Clock
XCLR
12
DI
Clear I2C, Stop Conversion
SDA
13
DI/O
Serial Bus Data Input/Output
SCL
14
DI
Serial Bus Clock
15
NC
16
NC
17
NC
TE1
18
DI/O
Test Pin 1
Pin must be left floating
NI
19
AI
ADC Negative Input
TE2
20
DI
Test Pin 2
Pin must be left floating
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com