Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6501BA1ST206 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS6501BA1ST206
Description  16-Bit Analog-to-Digital Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501BA1ST206 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS6501BA1ST206 Datasheet HTML 6Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 7Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 8Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 9Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 10Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 11Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 12Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 13Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 14Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DA6501.001
27 October 2008
10 (16)
MAS6501 PAD LAYOUT
6501
1740 µ
µ
µ
µ
m
Die dimensions 1740 µm x 2090 µm; round PAD ∅ 80 µm
Note: Because the substrate of the die is internally connected to GND, the die has to be placed over a GND
plate on PCB or left floating. Please make sure that GND is the first pad to be bonded. Pick-and-place and all
component assembly are recommended to be performed in ESD protected area.
Note: Coordinates are pad center points where origin has been located in the center of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
End of Conversion
EOC
-713 µm
-839 µm
Power Supply
VDD
-450 µm
-839 µm
Master Clock
MCLK
-200 µm
-839 µm
Clear I2C, Stop Conversion
XCLR
-18 µm
-839 µm
Serial Bus Data Input/Output
SDA
318 µm
-839 µm
Serial Bus Clock
SCL
726 µm
-839 µm
Supply Ground
GND
-713 µm
839 µm
Sensor Ground
COMMON
-450 µm
839 µm
ADC Positive Input
PI
-200 µm
839 µm
Test Pin 2
TE2
-18 µm
839 µm
ADC Negative Input
NI
318 µm
839 µm
Test Pin 1
TE1
726 µm
839 µm
Note: Test pins TE1 and TE2 must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com